Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2712Z+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2712Z+T
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712Z+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2712Z+T Datasheet HTML 4Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 5Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 6Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 7Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 8Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 9Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 10Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 11Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
8 of 15
DS2712 Parallel Charge Configuration with Switch-Mode Charge Current Regulation
The example in Figure 5 uses the DS2712 to regulate charge current as a switching (buck) regulator. ICHG is set
to 2A using RSNS = 0.056
Ω. The effective charge current for each cell is ICHG x 0.484 = 968mA. The CSOUT
comparator output switches OFF when the voltage across the sense resistor goes above 0.125V and back ON
when the voltage drops below 0.100V. In this mode, the operating frequency is determined primarily by the value of
the inductor, the hysteresis, the input voltage, and the voltage on the cells. In some cases, a damping network may
be required to prevent overshoot with the batteries removed.
Figure 5. Parallel Configuration with Switch-Mode Current Regulation (DS2712 Only)
CC1
CC2
LED1
VSS
LED2
CSOUT
VN1
VN0
VP1
VP2
THM2
THM1
VDD
CTST
0.056
270
1u
+5V
680
10K
270
DMSEL
TMR
10K
47u
10k
10k
75k
100k
10
47uHy
103AT-2
C1
47uF
DS2712
103AT-2
ICHG
0.1
GND
RSNS
FCX718
FCX718
100
100
150
FCX718


Similar Part No. - DS2712Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712Z+TR MAXIM-DS2712Z+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2712Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com