Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2712E+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2712E+
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712E+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2712E+ Datasheet HTML 1Page - Maxim Integrated Products DS2712E+ Datasheet HTML 2Page - Maxim Integrated Products DS2712E+ Datasheet HTML 3Page - Maxim Integrated Products DS2712E+ Datasheet HTML 4Page - Maxim Integrated Products DS2712E+ Datasheet HTML 5Page - Maxim Integrated Products DS2712E+ Datasheet HTML 6Page - Maxim Integrated Products DS2712E+ Datasheet HTML 7Page - Maxim Integrated Products DS2712E+ Datasheet HTML 8Page - Maxim Integrated Products DS2712E+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
GENERAL DESCRIPTION
The DS2711 and DS2712 are ideal for in-system or
stand-alone charging of 1 or 2 AA or AAA NiMH
“loose” cells. Temperature, voltage, and charge time
are monitored to provide proper fast-charging control
algorithms for nickel metal hydride (NiMH) batteries.
Battery tests are included to detect defective or
inappropriate cells such as alkaline primary batteries.
The DS2711/DS2712 support series and parallel
topologies, with independent monitoring and control of
each cell. Charging of NiCd chemistry cells is also
supported.
APPLICATIONS
Desktop/Stand-Alone Chargers (AAA/AA)
Digital Still Cameras
Music Players
Games
Toys
FEATURES
Charge 1 or 2 NiMH Cells
Detect and Avoid Charging Alkaline Cells
Precharge Deeply Depleted Cells
Fast Charge NiMH with -
∆V Termination
Sensitivity of 2mV (typ)
Monitor Voltage, Temperature, and Time for
Safety and Secondary Termination
Regulate Charge Current:
Linear Control (DS2711)
Switch-Mode Control (DS2712)
Drive pMOS or pnp-Type Pass Element or
Switch, or an Optocoupler
Compatible with Popular Optocouplers and
Integrated Primary-Side PWM Controllers
Small 16-Pin SO or TSSOP Packages
PIN CONFIGURATION
VP2
16
VP1
15
CC1
1
CC2
2
LED1
3
VSS
4
LED2
5
CSOUT
6
VN1
7
VN0
8
THM2
14
THM1
13
VDD
12
TMR
11
CTST
10
DMSEL
9
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
CC1
Cell 1 Charge-Control Output
2
CC2
Cell 2 Charge-Control Output
3
LED1
Cell 1 Status
4
VSS
Ground Reference and Chip-
Supply Return
5
LED2
Cell 2 Status, Mode-Select Input
6
CSOUT
Current-Sense Output
7
VN1
Current-Sense + Input
8
VN0
Current-Sense - Input
9
DMSEL
Display-Mode Select
10
CTST
Cell Test Threshold Set
11
TMR
Charge Timer Set
12
VDD
Chip-Supply Input (4.0V to 5.5V)
13
THM1
Cell 1 Thermistor Input
14
THM2
Cell 2 Thermistor Input
15
VP1
Cell 1 Positive-Terminal Sense
Input
16
VP2
Cell 2 Positive-Terminal Sense
Input
DS2711/DS2712
Loose-Cell NiMH Chargers
SO (150 mils)
TSSOP (4.4mm)
19-5826; Rev 4/11


Similar Part No. - DS2712E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712E++ MAXIM-DS2712E+ Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2712E+TR MAXIM-DS2712E+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2712E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com