Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2712E+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2712E+T
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712E+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2712E+T Datasheet HTML 5Page - Maxim Integrated Products DS2712E+T Datasheet HTML 6Page - Maxim Integrated Products DS2712E+T Datasheet HTML 7Page - Maxim Integrated Products DS2712E+T Datasheet HTML 8Page - Maxim Integrated Products DS2712E+T Datasheet HTML 9Page - Maxim Integrated Products DS2712E+T Datasheet HTML 10Page - Maxim Integrated Products DS2712E+T Datasheet HTML 11Page - Maxim Integrated Products DS2712E+T Datasheet HTML 12Page - Maxim Integrated Products DS2712E+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
9 of 15
Undervoltage Lockout (UVLO)
The UVLO circuit serves as a power-up and brownout detector by monitoring VDD to prevent charging until VDD
rises above VUVLO, or when VDD drops below VUVLO - VHYS. If UVLO is active, charging is prevented, the state
machine is forced to the RESET state, and all charge timers are reset. A 10
µs deglitch circuit provides noise
immunity.
Internal Oscillator and Clock Generation
An internal oscillator provides the main clock source used to generate timing signals for internal chip operation. The
precharge timer, hold-off timers, and timings for CC1/CC2 operation and cell testing are derived from this timebase.
Current-Sense Amplifier (DS2711)
An error amplifier block provides several options to regulate the charge current. The 20mA open-drain output can
drive a PMOS or PNP pass element for linear regulation, or the output can drive an optocoupler for isolated
feedback to a primary-side PWM controller. The VN0 pin is a remote-sense return and should be connected to the
grounded side of the sense resistor using a separate, insulated conductor.
Figure 6. Current-Sense Amplifier Response
The open-loop amplifier response shown in Figure 6 was measured with ICSOUT = -1mA. An error signal between
the current-sense signal (across a sense resistor) and the 0.125V internal reference is produced so the voltage
across the sense resistor is maintained at VIREF in a closed-loop circuit.
Current-Sense Comparator (DS2712)
The comparator in the DS2712 switches between ON and OFF and is capable of driving a PNP bipolar or a PMOS
transistor, enabling the use of a switched-mode power stage. Hysteresis on the comparator input provides noise
rejection. In the closed-loop regulation circuit of Figure 5, the comparator regulates voltage across the sense
resistor to a DC average of:
VRSNS = VIREF - 0.5 x VHYS-COMP = 0.125V
Frequency (Hertz)
10
1
10
2
10
3
10
4
10
5
10
6
10
7
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-300
-250
-200
-150
-100
-50
0
Gain
Phase


Similar Part No. - DS2712E+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712E+TR MAXIM-DS2712E+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2712E+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com