Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21-XK2C-SXXXXXXXXX-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 67-21-XK2C-SXXXXXXXXX-2T
Description  Low Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-XK2C-SXXXXXXXXX-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd 67-21-XK2C-SXXXXXXXXX-2T Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DATASHEET
SMD Low Power LED
67-21/XK2C-SXXXXXXXXX/2T
9
Copyright © 2010, Everlight All Rights Reserved. Release Date : 06-Apr.-2011. Issue No: v1
Device No: DSE-000
www.everlight.com
Package Dimension
Cathode
0.8
1.5
1.5
1.5
3.5±0.2
1.9±0.15
2.7±0.2
for reflow solding (propose)
Polarity
Note:
Tolerance unless mentioned is ±0.1mm; Unit = mm


Similar Part No. - 67-21-XK2C-SXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-67-21-XK2C-BXXXXXXXXXX-2T Datasheet
398Kb / 17P
   PLCC-2 package
More results

Similar Description - 67-21-XK2C-SXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com