Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4040X Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4040X
Description  AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4040X Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4040X Datasheet HTML 1Page - Sanyo Semicon Device STK4040X Datasheet HTML 2Page - Sanyo Semicon Device STK4040X Datasheet HTML 3Page - Sanyo Semicon Device STK4040X Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - STK4040X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4040X ETC1-STK4040X Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
logo
List of Unclassifed Man...
STK4040XL ETC1-STK4040XL Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4040X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4034X SANYO-STK4034X Datasheet
45Kb / 3P
   AF Power Amplifier (Split Power Supply) (45 W min, THD = 0.008%)
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4046XI SANYO-STK4046XI Datasheet
272Kb / 4P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.008%)
STK4036XI SANYO-STK4036XI Datasheet
285Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4038X SANYO-STK4038X Datasheet
70Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4038XI SANYO-STK4038XI Datasheet
109Kb / 5P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4042XI SANYO-STK4042XI Datasheet
330Kb / 5P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.008%)?
STK4044XI SANYO-STK4044XI Datasheet
192Kb / 6P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.008%)?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com