Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1028BEEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1028BEEP
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1028BEEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1028BEEP Datasheet HTML 1Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 2Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 3Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 4Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 5Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 6Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 7Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 8Page - Maxim Integrated Products MAX1028BEEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, fSAMPLE = 300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 4.096V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CS, SCLK, DIN, EOC, DOUT to GND.........-0.3V to (VDD + 0.3V)
AIN0–AIN13, REF-/AIN_,
CNVST/AIN_,
REF+ to GND.........................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
24-Pin QSOP (derate 9.5mW/°C above +70°C)...........762mW
28-Pin TQFN 5mm x 5mm
(derate 20.8mW/°C above +70°C) ..........................1667mW
Operating Temperature Ranges
MAX10__C__.......................................................0°C to +70°C
MAX10__E__ ....................................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
RES
10
Bits
Integral Nonlinearity
INL
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1.0
LSB
Offset Error
±0.5
±2.0
LSB
Gain Error
(Note 2)
±0.5
±2.0
LSB
Offset Error Temperature
Coefficient
±2
ppm/°C
FSR
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.1
LSB
DYNAMIC SPECIFICATIONS (30kHz sine wave input, 4.096VP-P, 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise Plus Distortion
SINAD
61
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-88
dBc
Spurious-Free Dynamic Range
SFDR
89
dBc
Intermodulation Distortion
IMD
fIN1 = 29.9kHz, fIN2 = 30.2kHz
76
dBc
Full-Power Bandwidth
-3dB point
1
MHz
Full-Linear Bandwidth
S/(N + D) > 68dB
100
kHz


Similar Part No. - MAX1028BEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1028BEEP-T MAXIM-MAX1028BEEP-T Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1028BEEP-T MAXIM-MAX1028BEEP-T Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
More results

Similar Description - MAX1028BEEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com