Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1028BEEPT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1028BEEPT
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1028BEEPT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1028BEEPT Datasheet HTML 1Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 2Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 3Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 4Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 5Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 6Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 7Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 8Page - Maxim Integrated Products MAX1028BEEPT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
_______________________________________________________________________________________
5
Note 10:
This time is defined as the number of clock cycles needed for conversion multiplied by the clock period. If the internal
reference needs to be powered up, the total time is additive. The internal reference is always used for temperature mea
surements.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Externally clocked conversion
208
SCLK Clock Period
tCP
Data I/O
100
ns
SCLK Duty Cycle
tCH
40
60
%
SCLK Fall to DOUT Transition
tDOT
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 30pF
40
ns
DIN to SCLK Rise Setup
tDS
40
ns
SCLK Rise to DIN Hold
tDH
0ns
CS Fall to SCLK Rise Setup TimetCSS0
40
ns
CS Fall to SCLK Rise Hold Time
tCSH0
0ns
CS Rise to SCLK Rise Hold Time
tCSH
0ns
CS Rise to SCLK Rise Setup Time
tCSS1
0ns
tCSW
CKSEL = 00, CKSEL = 01 (temp sense)
40
ns
CNVST Pulse Width
CKSEL = 01 (voltage conversion)
1.4
μs
tTS
Temp sense
55
Voltage conversion
7
CS or CNVST Rise to EOC
Low (Note 10)
tRP
Reference power-up
65
μs
TIMING CHARACTERISTICS (Figure 1)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
SINAD vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
1000
Typical Operating Characteristics
(VDD = +5V, VREF = +4.096V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1028BEEPT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1028BEEP-T MAXIM-MAX1028BEEP-T Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1028BEEP-T MAXIM-MAX1028BEEP-T Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
More results

Similar Description - MAX1028BEEPT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com