Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4040XI Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK4040XI
Description  AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4040XI Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK4040XI Datasheet HTML 1Page - Sanyo Semicon Device STK4040XI Datasheet HTML 2Page - Sanyo Semicon Device STK4040XI Datasheet HTML 3Page - Sanyo Semicon Device STK4040XI Datasheet HTML 4Page - Sanyo Semicon Device STK4040XI Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No. 4621-5/5
STK4040XI
This catalog provides information as of November, 1996. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Similar Part No. - STK4040XI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
logo
List of Unclassifed Man...
STK4040X ETC1-STK4040X Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4040XL ETC1-STK4040XL Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK4040XI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4034X SANYO-STK4034X Datasheet
45Kb / 3P
   AF Power Amplifier (Split Power Supply) (45 W min, THD = 0.008%)
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4046XI SANYO-STK4046XI Datasheet
272Kb / 4P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.008%)
STK4036XI SANYO-STK4036XI Datasheet
285Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4038X SANYO-STK4038X Datasheet
70Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4038XI SANYO-STK4038XI Datasheet
109Kb / 5P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4042XI SANYO-STK4042XI Datasheet
330Kb / 5P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.008%)?
STK4044XI SANYO-STK4044XI Datasheet
192Kb / 6P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.008%)?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com