Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62705CFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB62705CFG
Description  8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62705CFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB62705CFG Datasheet HTML 3Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 4Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 5Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 6Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 7Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 8Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 9Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 10Page - Toshiba Semiconductor TB62705CFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TB62705CPG/CFG/CFNG
2005-10-06
6
SWITCHING CHARACTERISTICS (Ta = 25°C unless otherwise stated)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
CONDITION
MIN
TYP.
MAX
UNIT
SIN− OUTn
1200
1500
LATCH − OUTn
1200
1500
ENABLE − OUTn
1200
1500
Propagation
Delay Time
(“L” to “H”)
CLK−SOUT
tpLH
30
70
ns
SIN − OUTn
700
1000
LATCH − OUTn
700
1000
ENABLE − OUTn
700
1000
Propagation
Delay Time
(“H” to “L”)
CLK−SOUT
tpHL
30
70
ns
CK
tw CLK
20
30
Pulse Width
LATCH
tw LAT
10
25
ns
L−H
25
50
Set−up Time
for LATCH
H−L
tsetup
25
50
ns
L−H
0
30
Hold Time for
LATCH
H−L
thold
0
30
ns
Maximum CLOCK Rise Time
tr
10
µs
Maximum CLOCK Fall Time
tf
10
µs
Output Rise Time
tor
300
600
1000
ns
Output Fall Time
tof
VDD = 5.0 V
VCE = 0.4 V
VIH = VDD
VIL = GND
REXT = 470 Ω
IOUT = 40 mA
VL = 3.0 V
RL = 65 Ω
CL = 10.5 pF
150
300
600
ns


Similar Part No. - TB62705CFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CF TOSHIBA-TB62705CF Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CF MARKTECH-TB62705CF Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Toshiba Semiconductor
TB62705CF TOSHIBA-TB62705CF Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62705CFN TOSHIBA-TB62705CFN Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CFN MARKTECH-TB62705CFN Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
More results

Similar Description - TB62705CFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62715FN TOSHIBA-TB62715FN Datasheet
424Kb / 11P
   8 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
   16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com