Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62705CFGEL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB62705CFGEL
Description  8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62705CFGEL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB62705CFGEL Datasheet HTML 1Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 2Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 3Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 4Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 5Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 6Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 7Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 8Page - Toshiba Semiconductor TB62705CFGEL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TB62705CPG/CFG/CFNG
TOSHIBA Bi−CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB62705CPG, TB62705CFG, TB62705CFNG
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
The TB62705CPG / CFG / CFNG are specifically designed for
LED and LED DISPLAY constant-current drivers.
These constant-current output circuits can support the set-up of
an external resistor (IOUT = 5~90mA).
This IC is a monolithic integrated circuit designed to be used
together with Bi-CMOS process.
The devices consist of an 8-bit shift register, latch, AND-GATE
and constant-current drivers.
This devices are a product for the Pb free(Sn-Ag).
FEATURES
Constant-current Output
: current with one resistor for
5 to 90mA.
Maximum Clock Frequency : fCLK = 15 (MHz)
(Cascade Connecte Operate,
Topr = 25°C)
5V C−MOS Compatible Input
Package
: DIP16−P−300−2.54A (TB62705CPG)
SSOP16−P−225−1.00A (TB62705CFG)
SSOP16−P−225−0.65B (TB62705CFNG)
Constant Output Current Matching:
OUTPUT-GND
VOLTAGE
CURRENT
MATCHING
OUTPUT
CURRENT
≥ 0.4 V
±6.0%
5~40 mA
≥ 0.7 V
±6.0%
5~90 mA
PIN CONNECTION (Top view)
TB62705CPG
TB62705CFG
TB62705CFNG
Weight
DIP16−P−300−2.54A
: 1.11 g (typ.)
SSOP16−P−225−1.00A : 0.14 g (typ.)
SSOP16−P−225−0.65B : 0.07 g (typ.)
16
15
14
13
12
11
10
GND
1
2
3
4
5
6
7
SERIAL-IN
CLOCK
OUTn
9
8
ENABLE
LATCH
OUTn
OUTn
OUTn
OUTn
OUTn
OUTn
OUTn
SERIAL-OUT
R-EXT
VDD
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com4
DISCONTINUED MAR 2009
DISCONTINUED MAR 2009


Similar Part No. - TB62705CFGEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CF TOSHIBA-TB62705CF Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CF MARKTECH-TB62705CF Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Toshiba Semiconductor
TB62705CF TOSHIBA-TB62705CF Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62705CFN TOSHIBA-TB62705CFN Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CFN MARKTECH-TB62705CFN Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
More results

Similar Description - TB62705CFGEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62715FN TOSHIBA-TB62715FN Datasheet
424Kb / 11P
   8 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
   16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com