Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1077 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1077
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1077 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1077 Datasheet HTML 1Page - Maxim Integrated Products MAX1077 Datasheet HTML 2Page - Maxim Integrated Products MAX1077 Datasheet HTML 3Page - Maxim Integrated Products MAX1077 Datasheet HTML 4Page - Maxim Integrated Products MAX1077 Datasheet HTML 5Page - Maxim Integrated Products MAX1077 Datasheet HTML 6Page - Maxim Integrated Products MAX1077 Datasheet HTML 7Page - Maxim Integrated Products MAX1077 Datasheet HTML 8Page - Maxim Integrated Products MAX1077 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1077/MAX1079 are low-power, high-speed, seri-
al-output, 10-bit, analog-to-digital converters (ADCs) that
operate at up to 1.5Msps and have an internal reference.
These devices feature true-differential inputs, offering bet-
ter noise immunity, distortion improvements, and a wider
dynamic range over single-ended inputs. A standard
SPI™/QSPI™/MICROWIRE™ interface provides the clock
necessary for conversion. These devices easily interface
with standard digital signal processor (DSP) synchronous
serial interfaces.
The MAX1077/MAX1079 operate from a single +2.7V to
+3.6V supply voltage. The MAX1077/MAX1079 include a
2.048V internal reference. The MAX1077 has a unipolar
analog input, while the MAX1079 has a bipolar analog
input. These devices feature a partial power-down mode
and a full power-down mode for use between conver-
sions, which lower the supply current to 2mA (typ) and
1µA (max), respectively. Also featured is a separate
power-supply input (VL), which allows direct interfacing to
+1.8V to VDD digital logic. The fast conversion speed,
low-power dissipation, excellent AC performance, and DC
accuracy (±0.5 LSB INL) make the MAX1077/MAX1079
ideal for industrial process control, motor control, and
base-station applications.
The MAX1077/MAX1079 come in a 12-pin TQFN pack-
age, and are available in the extended (-40°C to +85°C)
temperature range.
Applications
Data Acquisition
Communications
Bill Validation
Portable Instruments
Motor Control
Features
o 1.5Msps Sampling Rate
o Only 22mW (typ) Power Dissipation
o Only 1µA (max) Shutdown Current
o High-Speed, SPI-Compatible, 3-Wire Serial Interface
o 61dB S/(N + D) at 525kHz Input Frequency
o Internal True-Differential Track/Hold (T/H)
o Internal 2.048V Reference
o No Pipeline Delays
o Small 12-Pin TQFN Package
1.5Msps, Single-Supply, Low-Power, True-
Differential, 10-Bit ADCs with Internal Reference
________________________________________________________________
Maxim Integrated Products
1
12
EP
+
AIN+
11
N.C.
10
SCLK
45
N.C.
6
GND
1
2
REF
3
9
8
7
RGND
CNVST
DOUT
VL
MAX1077
MAX1079
AIN-
VDD
TQFN
TOP VIEW
PART
TEMP RANGE
PIN-
PACKAGE
INPUT
MAX1077ETC+T
-40
°C to +85°C 12 TQFN-EP* Unipolar
MAX1079ETC+T
-40
°C to +85°C 12 TQFN-EP*
Bipolar
Pin Configuration
Ordering Information
MAX1077
MAX1079
DOUT
AIN+
4.7
µF
10
µF
10
µF
+2.7V TO +3.6V
0.01
µF
0.01
µF
0.01
µF
+1.8V TO VDD
AIN-
REF
VDD
DIFFERENTIAL
INPUT
VOLTAGE
RGND
VL
GND
CNVST
SCLK
µC/DSP
+
-
Typical Operating Circuit
19-3363; Rev 1; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*EP = Exposed pad.


Similar Part No. - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
1Mb / 21P
   Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Rev 0; 5/01
MAX107 MAXIM-MAX107 Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results

Similar Description - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com