Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1077 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1077
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1077 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1077 Datasheet HTML 7Page - Maxim Integrated Products MAX1077 Datasheet HTML 8Page - Maxim Integrated Products MAX1077 Datasheet HTML 9Page - Maxim Integrated Products MAX1077 Datasheet HTML 10Page - Maxim Integrated Products MAX1077 Datasheet HTML 11Page - Maxim Integrated Products MAX1077 Datasheet HTML 12Page - Maxim Integrated Products MAX1077 Datasheet HTML 13Page - Maxim Integrated Products MAX1077 Datasheet HTML 14Page - Maxim Integrated Products MAX1077 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Applications Information
Internal Reference
The MAX1077/MAX1079 have an on-chip voltage refer-
ence trimmed to 2.048V. The internal reference output
is connected to REF and also drives the internal capac-
itive DAC. The output can be used as a reference volt-
age source for other components and can source up to
2mA. Bypass REF with a 0.01µF capacitor and a 4.7µF
capacitor to RGND.
The internal reference is continuously powered up dur-
ing both normal and partial power-down modes. In full
power-down mode, the internal reference is disabled.
Be sure to allow at least 2ms recovery time after hard-
ware power-up or exiting full power-down mode for the
reference to reach its intended value.
How to Start a Conversion
An analog-to-digital conversion is initiated by CNVST
and clocked by SCLK, and the resulting data is clocked
out on DOUT by SCLK. With SCLK idling high or low, a
falling edge on CNVST begins a conversion. This causes
the analog input stage to transition from track to hold
mode and DOUT to transition from high impedance to
being actively driven low. A total of 16 SCLK cycles are
required to complete a normal conversion. If CNVST is
low during the 16th falling SCLK edge, DOUT returns to
high impedance on the next rising edge of CNVST or
SCLK, enabling the serial interface to be shared by multi-
ple devices. If CNVST returns high after the 14th, but
before the 16th SCLK rising edge, DOUT remains active
so continuous conversions can be sustained. The high-
est throughput is achieved when performing continuous
conversions. Figure 10 illustrates a conversion using a
typical serial interface.
Connection to
Standard Interfaces
The MAX1077/MAX1079 serial interface is fully compati-
ble with SPI/QSPI and MICROWIRE (see Figure 11). If a
serial interface is available, set the CPU’s serial interface
in master mode so the CPU generates the serial clock.
Choose a clock frequency up to 24MHz.
SPI and MICROWIRE
When using SPI or MICROWIRE, the MAX1077/MAX1079
are compatible with all four modes programmed with the
CPHA and CPOL bits in the SPI or MICROWIRE control
register. Conversion begins with a CNVST falling edge.
DOUT goes low, indicating a conversion is in progress.
Two consecutive 1-byte reads are required to get the full
10 bits from the ADC. DOUT transitions on SCLK rising
edges. DOUT is guaranteed to be valid tDOUT later and
1.5Msps, Single-Supply, Low-Power, True-
Differential, 10-Bit ADCs with Internal Reference
______________________________________________________________________________________
11
OUTPUT CODE
FULL-SCALE
TRANSITION
111...111
12
3
0
FS
FS - 3/2 LSB
FS = VREF
DIFFERENTIAL INPUT
VOLTAGE (LSB)
1 LSB =
VREF
1024
111...110
111...101
000...011
000...010
000...001
000...000
ZS = 0
Figure 8. Unipolar Transfer Function (MAX1077 Only)
OUTPUT CODE
FULL-SCALE
TRANSITION
FS
0
-FS
FS - 3/2 LSB
DIFFERENTIAL INPUT
VOLTAGE (LSB)
011...111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
1 LSB =
VREF
1024
FS =
VREF
2
- FS =
-VREF
2
ZS = 0
Figure 9. Bipolar Transfer Function (MAX1079 Only)


Similar Part No. - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
1Mb / 21P
   Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Rev 0; 5/01
MAX107 MAXIM-MAX107 Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
More results

Similar Description - MAX1077

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com