Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62746AFNG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCA62746AFNG
Description  16-Output Constant Current LED Driver with Output Open/Short Detection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCA62746AFNG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCA62746AFNG Datasheet HTML 4Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 5Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 6Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 7Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 8Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 9Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 10Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 11Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TCA62746AFG/AFNG
2007-11-27
8
Switching Characteristics (Unless otherwise specified, Ta = 25°C and VDD = 5.0 V)
Characteristics
Symbol
Test Circuits
Test Conditions
Min
Typ.
Max
Unit
SCK-
0
OUT
tpLH1
7
SLAT = “H”, OE = “L”
20
100
SLAT -
0
OUT
tpLH2
7
OE = “L”
20
100
OE -
0
OUT
tpLH3
7
SLAT = “H”
20
100
SCK-SOUT
tpLH
7
5
10
SCK-
0
OUT
tpHL1
7
SLAT = “H”, OE = “L”
50
100
SLAT -
0
OUT
tpHL2
7
OE = “L”
50
100
OE -
0
OUT
tpHL3
7
SLAT = “H”
50
100
Propagation
delay time
SCK-SOUT
tpHL
7
15
20
ns
Output rise time
tor
7
10 to 90% of voltage waveform
30
150
ns
Output fall time
tof
7
90 to 10% of voltage waveform
70
150
ns
Output delay time
tDLY (ON)
7
OUTn -
)
1
n
(
OUT
+
between adjacent outputs
20
ns
Output delay time
tDLY (OFF)
7
OUTn -
)
1
n
(
OUT
+
between adjacent outputs
20
ns


Similar Part No. - TCA62746AFNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62746AFNG TOSHIBA-TCA62746AFNG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Marktech Corporate
TCA62746AFNG MARKTECH-TCA62746AFNG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results

Similar Description - TCA62746AFNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com