Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1110 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1110
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1110 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1110_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 9Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 10Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 11Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 12Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 13Page - Maxim Integrated Products MAX1110_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
10
______________________________________________________________________________________
Table 3. Control-Byte Format
START
SEL2
SEL1
SEL0
UNI/BIP
SGL/DIF
PD1
PD0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(MSB)
(LSB)
NAME
SGL/DIF
2
BIT
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In single-
ended mode, input signal voltages are referred to COM. In differential mode, the voltage differ-
ence between two channels is measured (Tables 1 and 2).
DESCRIPTION
UNI/BIP
3
START
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. Select differential operation
if bipolar mode is used (Table 4).
PD0
0 (LSB)
7 (MSB)
1 = external clock mode, 0 = internal clock mode.
Selects external or internal clock mode.
The first logic “1” bit after CS goes low defines the beginning of the control byte.
SEL2
SEL1
SEL0
6
5
4
Select which of the input channels are to be used for the conversion (Tables 1 and 2).
PD1
1
1 = fully operational, 0 = power-down.
Selects fully operational or power-down mode.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
allowed between conversions. The acquisition time,
tACQ, is the minimum time needed for the signal to be
acquired. It is calculated by:
tACQ = 6 x (RS + RIN) x 18pF
where RIN = 6.5kΩ, RS = the source impedance of the
input signal, and tACQ is never less than 1µs. Note that
source impedances below 2.4kΩ do not significantly
affect the AC performance of the ADC.
Input Bandwidth
The ADC’s input tracking circuitry has a 1.5MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid high-
frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Analog Inputs
Internal protection diodes, which clamp the analog
input to VDD and AGND, allow the channel input pins to
swing from (AGND - 0.3V) to (VDD + 0.3V) without dam-
age. However, for accurate conversions near full scale,
the inputs must not exceed VDD by more than 50mV or
be lower than AGND by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, do not forward bias the protection diodes of
off channels over 2mA.
The MAX1110/MAX1111 can be configured for differen-
tial or single-ended inputs with bits 2 and 3 of the con-
trol byte (Table 3). In single-ended mode, the analog
inputs are internally referenced to COM with a full-scale
input range from COM to VREFIN + COM. For bipolar
operation, set COM to VREFIN/2.
In differential mode, choosing unipolar mode sets the
differential input range at 0V to VREFIN. In unipolar
mode, the output code is invalid (code zero) when a
negative differential input voltage is applied. Bipolar
mode sets the differential input range to ±VREFIN/2.
Note that in this mode, the common-mode input range
includes both supply rails. Refer to Table 4 for input
voltage ranges.
Quick Look
To quickly evaluate the MAX1110/MAX1111’s analog
performance, use the circuit of Figure 5. The
MAX1110/MAX1111 require a control byte to be written
to DIN before each conversion. Tying DIN to +3V feeds


Similar Part No. - MAX1110_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100EUB++ MAXIM-MAX11100EUB+ Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100EWC++ MAXIM-MAX11100EWC+ Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101EUB++ MAXIM-MAX11101EUB+ Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX1110_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com