Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL21W02-D Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TL21W02-D
Description  LED lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL21W02-D Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TL21W02-D Datasheet HTML 1Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 2Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 3Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 4Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 5Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 6Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 7Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 8Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TL21W02-D(T34
2011-04-07
8
WL-0746
TENTATIVE
5.
Packing form
(1) Packing quantity
Reel
1,000 pcs
Carton
5,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
6.
Label format
(1) Example : TL21W02-D(T34
P/N:
TOSHIBA
TYPE
TL21W02-D(T34
ADDC
xxx
Q’TY
1,000 pcs
xxxxxx
xxxxxxxx
xxx
xxxx
(xxxxx)
xxxxxxxxxx
Use under 5-30degC/60%RH within 168h
SEALED:
[[G]]/RoHS COMPATIBLE
DIFFUSED IN xxxxx
*Y380xxxxxxxxxxxxxxxxxx*
ASSEMBLED IN xxxxx
(1)-1 Contents about Note section (Each example means the contents are different for each lot.)
Information for customers use
Information for Toshiba use
1) Lot code
Example: 2707C2B
4) Management code
Example: 015 32G
2) Key code
Example: 12345
5) Packing quantity
Example: 1000
3) Rank symbol
Example: 1AC182
6) Product information (refer to section (1)-2)
Exxxx
7) Storage condition after opening
Use under 5-30 degC/60%RH within 168h
(1)-2 Explanations for “ADDC” and “Product information”
ADDC
Product information
Assembled in domestic :
(L1
xxx
Assembled in overseas :
(L2
xxx
(2) Label location
1)
2)
4)
5)
3)
6)
7)
Tape feel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has the label attached to
center of one side.


Similar Part No. - TL21W02-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D1 TOSHIBA-TL21W02-D1 Datasheet
260Kb / 9P
   LED lamps
TL21W02-D1T34 TOSHIBA-TL21W02-D1T34 Datasheet
260Kb / 9P
   LED lamps
More results

Similar Description - TL21W02-D

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com