Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHF1100SM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHF1100SM
Description  HYPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1100SM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHF1100SM_1 Datasheet HTML 1Page - Solid States Devices, Inc SHF1100SM_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0115C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF1100SM
thru
SHF1103SM
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1 Adc, TA = 25ºC, 300 µs pulse)
VF
1.35
Vdc
Instantaneous Forward Voltage Drop
(IF = 5Adc, TA = -55ºC, 300 µs pulse)
VF
1.5
Vdc
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µs pulse minimum)
IR
10
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µs pulse minimum)
IR
1
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
20
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A, TA = 25ºC)
trr
35
nsec
Case Outline: Surface Mount Round Tab
DIMENSIONS
DIM
MIN
MAX
A
.095”
.105”
B
.190”
.210”
C
.005”
.025”


Similar Part No. - SHF1100SM_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
   1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - SHF1100SM_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
RC0089 SSDI-RC0089 Datasheet
170Kb / 2P
   Hyper Fast Rectifier
RC0092 SSDI-RC0092 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RC0157A SSDI-RC0157A Datasheet
117Kb / 2P
   Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
   HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
   Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
   HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com