Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1763 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1763
Description  1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1763 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1763 Datasheet HTML 7Page - Maxim Integrated Products MAX1763 Datasheet HTML 8Page - Maxim Integrated Products MAX1763 Datasheet HTML 9Page - Maxim Integrated Products MAX1763 Datasheet HTML 10Page - Maxim Integrated Products MAX1763 Datasheet HTML 11Page - Maxim Integrated Products MAX1763 Datasheet HTML 12Page - Maxim Integrated Products MAX1763 Datasheet HTML 13Page - Maxim Integrated Products MAX1763 Datasheet HTML 14Page - Maxim Integrated Products MAX1763 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
using an external P-channel MOSFET pass device. The
gain-block output is a single-stage transconductance
amplifier that drives an open-drain N-channel MOSFET.
The transconductance (GM) of the entire gain-block
stage is 10mS. The internal gain block amplifies the dif-
ference between AIN and the internal 0.938V reference.
To provide a power-OK signal, connect the gain-block
input, AIN, to an external resistor-divider (Figure 3). The
input bias current into AIN is less than 30nA, allowing
large-value divider resistors without sacrificing accura-
cy. Connect the resistor voltage-divider as close to the
IC as possible, within 0.2in (5mm) of AIN. Choose an
R4 value of 270k
Ω or less, then calculate R3 using:
R3 = R4((VTRIP / VAIN ) - 1)
where VAIN is 0.938V.
Figures 4 and 5 show the gain block used in a linear-
regulator application. The output of an external P-chan-
nel pass element is compared to an internal 0.938V
reference. The difference is amplified and drives the
gate of the pass element. Use a logic-level PFET, such
as Fairchild’s NDS336P (RDS(ON) = 270m
Ω). When the
linear-regulator output voltage is in regulation, the
MOSFET will not be full on; thus, the on-resistance will
not be important. However, if the linear regulator is used
in dropout, the MOSFET on-resistance will determine
the dropout voltage (VDROPOUT = IOUT RDS(ON)). If a
lower RDS(ON) PFET is used, increase the linear-regula-
tor output filter capacitance to maintain stability.
1.5A, Low-Noise, 1MHz, Step-Up
DC-DC Converter
______________________________________________________________________________________
11
Figure 3. Using the Gain Block as a Power-OK Comparator
Table 3. On/Off Logic Control
ONA
ONB
MAX1763
00
On
0
1
Off
10
On
11
On
MAX1763
POUT
AO
AIN
R6
150k
R3
R4
POWER-OK
OUTPUT
TO VIN OR
VOUT
GND
PGND
AO
POUT
OUT
LX
C1
47
μF
BOOST
OUTPUT
COUT
47
μF
LINEAR-
REGULATED
OUTPUT
RG
20k
R5
4.7
Ω
C2
1.0
μF
0.22
μF
VIN
1.8V TO 5.5V
L1
1.5
μH
FB
C4
220
μF
REF
AIN
R3
R4
R2
30k
SIGNAL
GROUND
POWER
GROUND
R1
MAX1763
ISET
CLK/SEL
ONA
ONB
P
GND
PGND
POUT
OUT
LX
C4
220
μF
R5
4.7
Ω
C2
1
μF
C3
0.22
μF
VIN
1.5
μH
FB
COUT
47
μF
C1
47
μF
REF
AIN
R3
165k
R4
100k
MAX1763
ISET
CLK/SEL
AO
ONB
ONA
MBRO520L
3.3V
2.5V
RG
20k
Figure 4. Using the Gain Block as a Linear Regulator from the
Boosted Output Voltage
Figure 5. Powering a Gain-Block Linear Regulator from the
Input Voltage


Similar Part No. - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX17630 MAXIM-MAX17630 Datasheet
1Mb / 24P
   4.5V to 36V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 12/18
MAX17630 MAXIM-MAX17630 Datasheet
900Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17630C5EVKIT MAXIM-MAX17630C5EVKIT Datasheet
900Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17631 MAXIM-MAX17631 Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
More results

Similar Description - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com