Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK4042 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4042
Description  AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.008%)?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4042 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4042 Datasheet HTML 1Page - Sanyo Semicon Device STK4042 Datasheet HTML 2Page - Sanyo Semicon Device STK4042 Datasheet HTML 3Page - Sanyo Semicon Device STK4042 Datasheet HTML 4Page - Sanyo Semicon Device STK4042 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STK4042XI
No. 1677—2/5
Operating Characteristics at Ta = 25
°C, V
CC = ±46.5V, RL = 8Ω (noninductive load), VG = 40 dB,
Rg = 600
Ω, 100kHz-LPFon:
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±56V
15
120
mA
Output power
PO
THD = 0.008%,
f = 20 to 20kHz
80
W
Total harmonic distortion
THD
PO = 1W, f = 1kHz
0.008
%
Frequency response
fL, fH
Po = 1W,
dB
20 to 50k
Hz
Input impedance
ri
PO = 1W, f = 1kHz
55
k
Output noise voltage
VNO*2
VCC = ±56V, Rg = 10kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±56V
-70
0
+70
mV
+0
−3
Notes.
For power supply at the time of test, use a constant-voltage power supply
unless otherwimse specified.
*1 For measurement of the available time for load short-circuit and output
noise voltage, use the specified transformer power supply shown below.
*2 The output noise voltage is represented by the peak value on the rms
scale (VTVM) of average value indicating type. The noise voltage wave-
form includes no flicker noise.
Specified transformer power supply
(Equivalent to MG-200)
Equivalent Circuit


Similar Part No. - STK4042

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4042 SANYO-STK4042 Datasheet
48Kb / 3P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.4%)?
STK4042 SANYO-STK4042 Datasheet
297Kb / 5P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.08%)?
STK4042II SANYO-STK4042II Datasheet
48Kb / 3P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.4%)?
logo
List of Unclassifed Man...
STK4042II ETC1-STK4042II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4042V SANYO-STK4042V Datasheet
297Kb / 5P
   AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.08%)?
More results

Similar Description - STK4042

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4034X SANYO-STK4034X Datasheet
45Kb / 3P
   AF Power Amplifier (Split Power Supply) (45 W min, THD = 0.008%)
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4046XI SANYO-STK4046XI Datasheet
272Kb / 4P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.008%)
STK4036XI SANYO-STK4036XI Datasheet
285Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4038X SANYO-STK4038X Datasheet
70Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4038XI SANYO-STK4038XI Datasheet
109Kb / 5P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.008%)?
STK4040X SANYO-STK4040X Datasheet
106Kb / 4P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4040XI SANYO-STK4040XI Datasheet
283Kb / 5P
   AF Power Amplifier (Split Power Supply) (70 W min, THD = 0.008%)?
STK4044XI SANYO-STK4044XI Datasheet
192Kb / 6P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.008%)?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com