Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2830 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2830
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2830 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2830 Datasheet HTML 1Page - Maxim Integrated Products MAX2830 Datasheet HTML 2Page - Maxim Integrated Products MAX2830 Datasheet HTML 3Page - Maxim Integrated Products MAX2830 Datasheet HTML 4Page - Maxim Integrated Products MAX2830 Datasheet HTML 5Page - Maxim Integrated Products MAX2830 Datasheet HTML 6Page - Maxim Integrated Products MAX2830 Datasheet HTML 7Page - Maxim Integrated Products MAX2830 Datasheet HTML 8Page - Maxim Integrated Products MAX2830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(MAX2830 EV kit, VCC_ = 2.7V to 3.6V, VCCPA = VCCTXPA = 2.7V to 4.2V, TA = -40°C to +85°C, Rx set to the maximum gain. CS =
high, RXHP = SCLK = DIN = ANTSEL = low, RSSI and clock output buffer are off, no signal at RF inputs, all RF inputs and outputs
terminated into 50
Ω, receiver baseband outputs are open. 100mVRMS differential I and Q signals (54Mbps IEEE 802.11g OFDM)
applied to I/Q baseband inputs of transmitter in transmit mode, fREF = 40MHz, and registers set to recommended settings and corre-
sponding test mode, unless otherwise noted. Typical values are at VCC = 2.8V, VCCPA = 3.3V, and TA = +25°C, LO frequency =
2.437GHz, unless otherwise noted. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from
EV kit PCB, balun, and SMA connectors.) (Note 1)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS:
SHDN, RXTX, SCLK, DIN, CS, B7:B1, RXHP, ANTSEL
Digital Input-Voltage High, VIH
VCC -
0.4
V
Digital Input-Voltage Low, VIL
0.4
V
Digital Input-Current High, IIH
-1
+1
µA
Digital Input-Current Low, IIL
-1
+1
µA
LOGIC OUTPUTS: LD, CLOCKOUT
Digital Output-Voltage High, VOH
Sourcing 100µA
VCC -
0.4
V
Digital Output-Voltage Low, VOL
Sinking 100µA
0.4
V
AC ELECTRICAL CHARACTERISTICS—Rx Mode
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA =+25°C, fRF = 2.439GHz, fLO = 2.437GHz; receiver baseband I/Q out-
puts at 112 mVRMS (-19dBV), fREF = 40MHz, SHDN = CS = high, RXTX = SCLK = DIN = low, with power matching for the differential
RF pins using the typical applications and registers set to default settings and corresponding test mode, unless otherwise noted.
Unmodulated single-tone RF input signal is used with specifications that normally apply over the entire operating conditions, unless
otherwise indicated. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from EV kit PCB,
balun, and SMA connectors.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER SECTION: LNA RF INPUT-TO-BASEBAND I/Q OUTPUTS
RF Input Frequency Range
2.4
2.5
GHz
High RF gain
13
Mid RF gain
16
RF Input Return Loss (ANT1)
Low RF gain
13
dB
High RF gain
21
Mid RF gain
14
RF Input Return Loss (ANT2)
Low RF gain
12
dB
TA = +25°C
86
97
Maximum gain, B7:B1 =
1111111
TA = -40°C to +85°C
83
Total Voltage Gain (ANT1)
Minimum gain, B7:B1 =
0000000
TA = +25°C
2
8
dB
Maximum gain, B7:B1 =
1111111
TA = +25°C
96
Total Voltage Gain (ANT2)
Minimum gain, B7:B1 =
0000000
TA = +25°C
2
dB


Similar Part No. - MAX2830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2830 MAXIM-MAX2830 Datasheet
2Mb / 14P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
MAX2830ETM+T MAXIM-MAX2830ETM+T Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2830EVKIT MAXIM-MAX2830EVKIT Datasheet
2Mb / 14P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
More results

Similar Description - MAX2830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
logo
Holtek Semiconductor In...
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
   2.4GHz Flash RF TX/RX MCU
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
   TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com