Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC68341FT25 Datasheet(PDF) 5 Page - Motorola, Inc

Part # XC68341FT25
Description  Integrated Processor Users Manual
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XC68341FT25 Datasheet(HTML) 5 Page - Motorola, Inc

  XC68341FT25 Datasheet HTML 1Page - Motorola, Inc XC68341FT25 Datasheet HTML 2Page - Motorola, Inc XC68341FT25 Datasheet HTML 3Page - Motorola, Inc XC68341FT25 Datasheet HTML 4Page - Motorola, Inc XC68341FT25 Datasheet HTML 5Page - Motorola, Inc XC68341FT25 Datasheet HTML 6Page - Motorola, Inc XC68341FT25 Datasheet HTML 7Page - Motorola, Inc XC68341FT25 Datasheet HTML 8Page - Motorola, Inc XC68341FT25 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MOTOROLA
MC68341 USER’S MANUAL ADDENDUM
4
6. Additional Notes on CPU Space Address Encoding
On page 3-31, Figure 3-16, the BKPT field for the Breakpoint Acknowledge address encoding is on bits 4-2,
and the T bit is on bit 1. The Interrupt Acknowledge LEVEL field is on bits 3-1.
7. Breakpoints
On page 3-31, the last paragraph implies that either a software breakpoint (BKPT instruction) or hardware
breakpoint can be used to insert an instruction. As noted in the following paragraphs, only a software
breakpoint can be used to insert an instruction on the breakpoint acknowledge cycle.
8. Interrupt Latency
Add to the Interrupt Acknowledge Bus Cycles section on page 3-36: Interrupt latency from IRQx assert to
prefetch of the first instruction in the interrupt handler is about 37 clocks + worst case instruction length in
clocks (using 2-clock memory and autovector termination). From the instruction timing tables, this gives 37+71
(DIVS.L with worst-case <fea>) = 108 clocks worst case interrupt latency time. For applications requiring
shorter interrupt response time the latency can be reduced by using simpler addressing modes and/or avoiding
use of longer instructions (specifically DIVS.L, DIVU.L, MUL.L).
9. Interrupt Hold Time and Spurious Interrupts
Add to the Interrupt Acknowledge Bus Cycles section on page 3-36: Level sensitive interrupts must remain
asserted until the corresponding IACK cycle; otherwise, a spurious interrupt exception may result or the inter-
rupt may be ignored entirely. This is also true for level sensitive external interrupts which are autovectored us-
ing either the AVEC signal or the AVEC register, since the SIM will not respond to an interrupt arbitration cycle
on the IMB if the external interrupt at that level has been removed. External interrupts configured as edge sen-
sitive only have to be held a minimum of 1.5 clocks - see section 4.3.5.8 PROGRAMMABLE INTERRUPT
REGISTER (PIR).
Note that the level 7 interrupt is also level sensitive, and must be held until a level 7 IACK begins. The level 7
interrupt is unique in that it cannot be masked - another level 7 interrupt exception can be created after the
IACK cycle by negating IRQ7 and reasserting, even though the interrupt mask level in the SR is now set to
level 7.
10. Typos in IACK Cycle Timing Waveforms
On page 3-38, Figure 3-21, the text “VECTOR FROM 16-BIT PORT” should be on D7-D0, and “VECTOR
FROM 8-BIT PORT” should be on D15-D8. The responding device returns the vector number on the least sig-
nificant byte of the data port.
11. Additional Note on Internal Autovector Operation
Add to the Autovector Interrupt Acknowledge Cycle section on page 3-38: If an external interrupt level is
autovectored either by the AVEC register programming or the external AVEC signal, an external IACK will be
started and terminated internally. The interrupting device should not respond to this IACK in any way, or the
resulting operation is undefined.
12. Additional Notes on Retry Termination
On page 3-42, Table 3-4: When HALT and BERR are asserted together in case #5 to force a retry of the current
bus cycle, relative timing of HALT and BERR must be controlled to avoid inadvertently causing bus error ter-


Similar Part No. - XC68341FT25

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC68341FT25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Motorola, Inc
MC68360 MOTOROLA-MC68360 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com