Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA498-02 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA498-02
Description  HIGH VOLTAGE RECTIFIER BRIDGE STACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA498-02 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA498-02 Datasheet HTML 1Page - Solid States Devices, Inc SPA498-02 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0026A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SPA498-02 __
Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
SPA498-02
1 AMP
HIGH VOLTAGE
RECTIFIER BRIDGE STACK
6000 Volts
Features:
Aerospace high voltage power supply applications
High blocking voltage – 6 kV minimum
Low mechanical stress design
TX, TXV, and Space level screening available
Consult factory for:
-
Higher blocking voltages
-
Faster switching speeds
-
Other electrical configurations
MAXIMUM RATINGS
Characteristic
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
Bridge BR1
Bridge BR2
VR
3000
6000
Volts
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse )
IO
1
Amps
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
IFSM
25
Amps
Operating and Storage Temperature
Top & Tstg
-65 to +150
oC
Maximum Thermal Resistance
Junction to Tab
RθJT
2.5
oC/W
ELECTRICAL SCHEMATIC
ASPM
Notes:
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - SPA498-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
More results

Similar Description - SPA498-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPX2090 SSDI-SPX2090 Datasheet
38Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094_1 Datasheet
140Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
144Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
   RECTIFIER STACK (BRIDGE)
logo
Solid States Devices, I...
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
   RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
   RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com