Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3542 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3542
Description  Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3542_11 Datasheet HTML 2Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 3Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 4Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 5Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3542_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Complete Single-Conversion
Television Tuner
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX3542 EV kit, VCC = +3.3V, VIFAGC = 3.0V, VRFAGC = 3.0V, TA = +25°C, unless otherwise noted.)
UHF NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
400
800
450
900
600
850
650 700
500
750
550
2
4
6
8
3
5
7
+70
°C
0
°C
+55
°C
+25
°C
VHF NOISE FIGURE vs. RFAGC VOLTAGE
RFAGC VOLTAGE (V)
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
fRF = 224.25MHz
+55
°C
+85
°C
+25
°C
0
°C
-40
°C
UHF NOISE FIGURE vs. RFAGC VOLTAGE
RFAGC VOLTAGE (V)
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
fRF = 631.25MHz
+55
°C
+85
°C
+25
°C
0
°C
-40
°C
VHF LO IMAGE REJECTION vs. FREQUENCY
FREQUENCY (MHz)
0
150
200
100
50
250
60
65
70
75
80
85
90
+70
°C
0
°C
+55
°C
+25
°C
VHF HI IMAGE REJECTION vs. FREQUENCY
FREQUENCY (MHz)
150
300
350
200
250
400
450
60
65
70
75
80
85
90
+70
°C
0
°C
+55
°C
+25
°C
UHF IMAGE REJECTION vs. FREQUENCY
FREQUENCY (MHz)
400
700
650
600
550
500
450
850
800
750
900
60
65
70
75
80
85
90
+70
°C
0
°C
+55
°C
+25
°C


Similar Part No. - MAX3542_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542CLM++ MAXIM-MAX3542CLM+ Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542EVKIT MAXIM-MAX3542EVKIT Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
More results

Similar Description - MAX3542_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com