Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4060 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4060 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4060 Datasheet HTML 4Page - Maxim Integrated Products MAX4060 Datasheet HTML 5Page - Maxim Integrated Products MAX4060 Datasheet HTML 6Page - Maxim Integrated Products MAX4060 Datasheet HTML 7Page - Maxim Integrated Products MAX4060 Datasheet HTML 8Page - Maxim Integrated Products MAX4060 Datasheet HTML 9Page - Maxim Integrated Products MAX4060 Datasheet HTML 10Page - Maxim Integrated Products MAX4060 Datasheet HTML 11Page - Maxim Integrated Products MAX4060 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
8
_______________________________________________________________________________________
Pin Description
PIN
MAX4060
MAX4061
MAX4062
NAME
FUNCTION
1—
2
INT/AUX
Internal (Differential) or Auxiliary (Single-Ended) Input Select. Drive INT/AUX low
to select internal or high to select auxiliary microphone input.
2
3
3
OUT
Amplifier Output. OUT is high impedance when in shutdown mode.
3
BIAS
External Electret Microphone Capsule Bias Output. BIAS has a greater than
2k
Ω output impedance.
44
5
VCC
Power Supply. Bypass the VCC to GND with a 0.1µF capacitor.
5
5
6
IN+
Noninverting Differential Amplifier Input. AC-couple the audio signal into IN+.
6
6
7
IN-
Inverting Differential Amplifier Input. AC-couple the audio signal into IN-.
7
7
8
GND
Ground
8
9
AUX_IN
Single-Ended Input for Auxiliary Microphone. AC-couple the audio signal into
AUX_IN.
—1
1
G2
Gain-Selectable Input. Connect an external resistor between G1 and G2 to set
the gain for the differential amplifier. (See Adjustable Differential-Gain Setting
section.)
—2
SHDN
Shutdown Input. Drive SHDN high for normal operation. Drive SHDN low for
shutdown mode.
4
BIAS
External Electret Microphone Capsule Bias Output. Bypass BIAS with 1µF
capacitor to ground.
—8
10
G1
Gain-Selectable Input. Connect an external resistor between G1 and G2 to set
the gain for the differential amplifier.
——
EP
Exposed Pad (TDFN Only). Internally connected to GND. Connect to a large
ground plane to minimize thermal performance. Not intended as an electrical
connection point.
Detailed Description
The MAX4060/MAX4061/MAX4062 are differential micro-
phone preamplifiers providing high-quality audio, opti-
mized for use in computer and mobile applications.
These devices feature rail-to-rail outputs, very high
power-supply rejection, and common-mode rejection,
making them ideal for low-noise applications. The
MAX4060/MAX4061/MAX4062 are particularly effective
when layout constraints force the microphone amplifier to
be physically remote from the ECM microphone and/or
the rest of the audio circuitry.
The MAX4060/MAX4062 are capable of switching their
output between the differential input and an inverting
single-ended input. INT/AUX selects either the differen-
tial input or single-ended auxiliary input. In addition, the
MAX4060 has an internal bias generator to bias the
microphone in either differential or single-ended
modes. The MAX4061 includes a complete 0.3µA shut-
down mode for ultimate power savings. The differential
gain of the MAX4061/MAX4062 is set with a single
resistor connected between the G1 and G2 pins. The
MAX4060 has a fixed gain of 10V/V.
Differential Input
The main microphone input is a low-noise, differential
input structure. This is an almost essential element
when faced with amplification of low-amplitude analog
signals in digitally intense environments such as note-
book PCs or PDAs. Used correctly, the advantages
over a single-ended solution are:
• Better power-supply noise rejection.
• Less degradation from noise in PC board ground
planes.
• The microphone and preamplifier can be placed
physically further apart, easing PC board layout
restrictions.


Similar Part No. - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060-MAX4062 MAXIM-MAX4060-MAX4062 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060ETA MAXIM-MAX4060ETA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
More results

Similar Description - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com