Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4060 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4060 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4060 Datasheet HTML 1Page - Maxim Integrated Products MAX4060 Datasheet HTML 2Page - Maxim Integrated Products MAX4060 Datasheet HTML 3Page - Maxim Integrated Products MAX4060 Datasheet HTML 4Page - Maxim Integrated Products MAX4060 Datasheet HTML 5Page - Maxim Integrated Products MAX4060 Datasheet HTML 6Page - Maxim Integrated Products MAX4060 Datasheet HTML 7Page - Maxim Integrated Products MAX4060 Datasheet HTML 8Page - Maxim Integrated Products MAX4060 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3V for MAX4061/MAX4062, VCC = 5V for MAX4060, VGND = 0V, VSHDN = VCC, VINT/AUX = 0V, RG = 11.11kΩ,
RL = 100k
Ω to 1.5V, RBIAS = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion
Plus Noise
THD+N
AV = 10V/V, f = 1kHz, VOUT = 0.7VRMS,
BW = 22Hz to 22kHz
0.04
%
RG = open
1
1.13
1.3
RG = 11.11k
Ω
9.6
10
10.4
1V < VCM < 2V,
VOUT = 0.7VRMS,
MAX4061/MAX4062
RG = 1.01k
Ω
96
100
104
Differential Gain
AVDIFF
1V < VCM < 2V, VOUT = 0.7VRMS, MAX4060
9.6
10.0
10.4
V/V
Common-Mode Rejection Ratio
CMRR
VCM = 500mVP-P, f = 1kHz
70
dB
TA = +25°C
72
89
TA = TMIN to TMAX
60
Power-Supply Rejection Ratio
PSRR
VCC = 5V
±100mV, f = 1kHz
86
dB
AUXILIARY INPUT (MAX4060/MAX4062, INT/AUX = VCC)
Small-Signal Bandwidth
BW-3dB
200
kHz
Input Resistance
RIN
100
k
Ω
Input Noise-Voltage Density
en
f = 1kHz
45
nV/
√Hz
RMS Output Noise Voltage
VNRMS
BW = 22Hz to 22kHz
385
μVRMS
Total Harmonic Distortion
Plus Noise
THD+N
f = 1kHz, BW = 22Hz to 22kHz
0.05
%
TA = +25°C
65
90
Power-Supply Rejection Ratio
PSRR
TA = TMIN - TMAX
50
dB
Voltage Gain
AVAUX
VOUT = 0.7VRMS
-10.7
-10
-9.3
V/V
BIAS OUTPUT (MAX4060/MAX4062)
IBIAS = 0.8mA to GND, MAX4060
2
2.2
Output Voltage
VOUT
IBIAS = 0.5mA to GND, MAX4062
2
2.2
V
IBIAS = 0.8mA to GND, MAX4060
(TA = +25°C)
2
2.5
k
Ω
Output Resistance
ROUT
IBIAS = 0.5mA to GND, MAX4062
(TA = +25°C)
22
40
Ω
IBIAS = 0.8mA to GND, BW = 22Hz to
22kHz, MAX4060
50
Output Noise Voltage
VNRMS
IBIAS = 0.5mA to GND, BW = 22Hz to
22kHz, MAX4062
20
μVRMS


Similar Part No. - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060-MAX4062 MAXIM-MAX4060-MAX4062 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060ETA MAXIM-MAX4060ETA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
More results

Similar Description - MAX4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com