Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4173TESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4173TESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173TESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4173TESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 9Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
_______________________________________________________________________________________
7
Detailed Description
The MAX4173 high-side current-sense amplifier fea-
tures a 0 to +28V input common-mode range that is
independent of supply voltage. This feature allows the
monitoring of current out of a battery in deep discharge
and also enables high-side current sensing at voltages
greater than the supply voltage (VCC).
The MAX4173 operates as follows: Current from the
source flows through RSENSE to the load (Figure 1). Since
the internal-sense amplifier’s inverting input has high
impedance, negligible current flows through RG2
(neglecting the input bias current). Therefore, the
sense amplifier’s inverting-input voltage equals
VSOURCE - (ILOAD)(RSENSE). The amplifier’s open-loop
gain forces its noninverting input to the same voltage as
the inverting input. Therefore, the drop across RG1
equals (ILOAD)(RSENSE). Since IRG1 flows through RG1,
IRG1 = (ILOAD)(RSENSE) / RG1. The internal current mirror
multiplies IRG1 by a current gain factor,
β, to give
IRGD =
β · IRG1. Solving IRGD = β · (ILOAD)(RSENSE) /
RG1. Assuming infinite output impedance, VOUT = (IRGD)
(RGD). Substituting in for IRGD and rearranging, VOUT =
β · (RGD / RG1)(RSENSE · ILOAD). The parts gain equals
β · RGD / RG1. Therefore, VOUT = (GAIN) (RSENSE)
(ILOAD), where GAIN = 20 for MAX4173T, GAIN = 50 for
MAX4173F, and GAIN = 100 for MAX4173H.
Set the full-scale output range by selecting RSENSE and
the appropriate gain version of the MAX4173.
Applications Information
Recommended Component Values
The MAX4173 senses a wide variety of currents with
different sense resistor values. Table 1 lists common
resistor values for typical operation of the MAX4173.
Choosing RSENSE
To measure lower currents more accurately, use a high
value for RSENSE. The high value develops a higher
sense voltage that reduces offset voltage errors of the
internal op amp.
In applications monitoring very high currents, RSENSE
must be able to dissipate the I2R losses. If the resistor’s
rated power dissipation is exceeded, its value may drift
or it may fail altogether, causing a differential voltage
across the terminals in excess of the absolute maxi-
mum ratings.
If ISENSE has a large high-frequency component, mini-
mize the inductance of RSENSE. Wire-wound resistors
have the highest inductance, metal-film resistors are
somewhat better, and low-inductance metal-film resis-
tors are best suited for these applications.
Using a PCB Trace as RSENSE
If the cost of RSENSE is an issue and accuracy is not
critical, use the alternative solution shown in Figure 2.
This solution uses copper PC board traces to create a
sense resistor. The resistivity of a 0.1-inch-wide trace of
2-ounce copper is approximately 30m
Ω/ft. The resis-
tance-temperature coefficient of copper is fairly high
(approximately 0.4%/°C), so systems that experience a
wide temperature variance must compensate for this
effect. In addition, do not exceed the maximum power
dissipation of the copper trace.
For example, the MAX4173T (with a maximum load cur-
rent of 10A and an RSENSE of 5m
Ω) creates a full-scale
VSENSE of 50mV that yields a maximum VOUT of 1V.
RSENSE in this case requires about 2 inches of 0.1 inch-
wide copper trace.
Output Impedance
The output of the MAX4173 is a current source driving a
12k
Ω resistance. Resistive loading added to OUT
reduces the output gain of the MAX4173. To minimize
output errors for most applications, connect OUT to a
high-impedance input stage. When output buffering is
required, choose an op amp with a common-mode
input range and an output voltage swing that includes
ground when operating with a single supply. The op
RSENSE
VSOURCE
0 TO +28V
+3V TO +28V
RGD = 12k
VOUT
IRG1
IRGD
ILOAD
RG1
RG2
RS-
RS+
OUT
GND
TO LOAD BATTERY
VCC
CURRENT
MIRROR
A1
MAX4173
Figure 1. Functional Diagram


Similar Part No. - MAX4173TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4173TESA MAXIM-MAX4173TESA Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
More results

Similar Description - MAX4173TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com