Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4173TESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4173TESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173TESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4173TESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 9Page - Maxim Integrated Products MAX4173TESA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
8
_______________________________________________________________________________________
amp’s supply voltage range should be at least as high
as any voltage the system may encounter.
The percent error introduced by output loading is
determined with the following formula:
where RLOAD is the external load applied to OUT.
Current Source Circuit
Figure 3 shows a block diagram using the MAX4173
with a switching regulator to make a current source.
%
100
R
12k
R
1
ERROR
LOAD
LOAD
=
Ω+
Table 1. Recommended Component Values
MAX4173T
VSENSE
RSENSE
+3V TO +28V
0.1
µF
RS+
+
0.3 in. COPPER
INPUT
LOAD/BATTERY
0.3 in. COPPER
0.1 in. COPPER
RS-
GND
OUT
VCC
_
Figure 2. MAX4173 Connections Showing Use of PC Board
Figure 3. Current Source
MAX4173
RSENSE
ILOAD
0 TO +28V
VSENSE
VCC
OUT
VIN
GND
RS+
+3V TO +28V
0.1
µF
RS-
LOAD/
BATTERY
LOW-COST
SWITCHING
REGULATOR
10.0
100
5.0
50
2.0
10
10
20
10.0
100
5.0
50
2.0
5
20
20
10.0
100
5.0
50
2.0
1
100
20
10.0
100
5.0
50
1000
CURRENT-SENSE RESISTOR
RSENSE (m
Ω)
20
GAIN
2.0
0.1
FULL-SCALE OUTPUT VOLTAGE
(FULL-SCALE VSENSE = 100mV)
VOUT (V)
FULL-SCALE LOAD CURRENT
ILOAD (A)


Similar Part No. - MAX4173TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4173TESA MAXIM-MAX4173TESA Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
More results

Similar Description - MAX4173TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com