Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4800ACXZ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4800ACXZ
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4800ACXZ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4800ACXZ Datasheet HTML 2Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 3Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 4Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 5Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 6Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 7Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 8Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 9Page - Maxim Integrated Products MAX4800ACXZ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5V, VPP = +100V, VNN = -100V, TA = +25°C, unless otherwise noted.)
0
0.01
10
1
0.1
IDD SUPPLY CURRENT
vs. CLOCK FREQUENCY
1.0
0.9
0.3
0.1
0.7
0.6
0.4
0.2
0.8
0.5
CLOCK FREQUENCY (MHz)
DIN = 01010101
DIN = 00000000
OFF-ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
-65
-70
-75
-80
-85
-90
-95
-100
-60
110
RS = RL = 50
Ω
0
10
5
20
15
25
30
030
40
10
20
50
60
70
ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
ISW = 5mA
ISW = 200mA
0
5
10
15
20
25
30
35
40
+40/
-160
+60/
-140
+80/
-120
+100/
-100
+120/
-80
+140/
-60
+160/
-40
ON-RESISTANCE
vs. VPP/VNN SUPPLY VOLTAGE
VPP/VNN SUPPLY VOLTAGE (V)
TA = +70
°C
TA = 0
°C TA = +25°C
0
40
20
100
80
60
160
140
120
180
020
30
10
40
50
60
70
CLK TO DOUT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +3V
VDD = +5V
0
1.0
2.0
4.0
5.0
6.0
040 50
20 30
10
60 70 80 90 100
SUPPLY CURRENT
vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
INN
IPP
IDD
ALL SWITCHES OPERATING
ALL SWITCHES CONNECTED TO GND
3.0
0.20
0.25
0.35
0.30
0.40
0.45
SUPPLY CURRENT
vs. VPP/VNN SUPPLY VOLTAGE
ONE SWITCH OPERATING
ALL SWITCHES CONNECTED TO GND
fSW = 50kHz
INN
IPP
+40/
-160
+60/
-140
+80/
-120
+100/
-100
+120/
-80
+140/
-60
+160/
-40
VPP/VNN SUPPLY VOLTAGE (V)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
LOGIC THRESHOLD
vs. VDD SUPPLY VOLTAGE
VDD SUPPLY VOLTAGE (V)
23456
RISING
FALLING


Similar Part No. - MAX4800ACXZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX4800 MAXIM-MAX4800 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
MAX4800CCM MAXIM-MAX4800CCM Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX4800CCM MAXIM-MAX4800CCM Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
MAX4800CQI MAXIM-MAX4800CQI Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
More results

Similar Description - MAX4800ACXZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_13 Datasheet
586Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com