Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4061EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4061EUA
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4061EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4061EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4061EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V for MAX4061/MAX4062, VCC = 5V for MAX4060, VGND = 0V, VSHDN = VCC, VINT/AUX = 0V, RG = 11.11kΩ,
RL = 100k
Ω to 1.5V, RBIAS = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND). .................................-0.3V to +6V
Any Other Pin to GND ................................-0.3V to (VCC + 0.3V)
Duration of Short Circuit to GND or VCC ....................Continuous
Continuous Input Current (any pin) ................................ ±10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 24.4mW/°C above +70°C) ......1951.2mW
8-Bump µMAX (derate 4.8mW/°C above +70°C) .....387.8mW
10-Bump µMAX (derate 8.8mW/°C above +70°C) ..707.3mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4061/MAX4062
2.4
5.5
Supply Voltage Range
VCC
Inferred from
PSRR test
MAX4060
4.5
5.5
V
Supply Current
ICC
0.75
1.2
mA
Output Common-Mode Voltage
VOCM
1.25
1.5
1.75
V
Slew Rate
SR
AV = 10V/V
±1
V/µs
Supply Current in Shutdown
ISHDN
VSHDN = 0V, MAX4061
0.001
1
µA
To GND
30
Output Short-Circuit Current
ISC
To VCC
30
mA
DIFFERENTIAL INPUT (VINT/AUX = 0V for MAX4060/MAX4062, default for MAX4061)
Input Offset Voltage
VOS
±0.1
±5mV
Common-Mode Input Voltage
Range
VCM
12
V
Maximum Differential Input
Voltage
VDIFFMAX
AV = 1V/V, MAX4061/MAX4062
1
V
Small-Signal Bandwidth
BW-3dB
600
kHz
Input Resistance
RIN
Either differential input
100
k
Ω
Input Resistance Match
RMATCH
1%
AV = 10V/V, f = 1kHz
100
Input Noise-Voltage Density
en
AV = 100V/V, f = 1kHz, MAX4061/MAX4062
only
20
nV/
√Hz
RMS Output Noise Voltage
VNRMS
AV = 10V/V, BW = 22Hz to 22kHz
125
µVRMS


Similar Part No. - MAX4061EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4061EUA MAXIM-MAX4061EUA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4061EUA MAXIM-MAX4061EUA Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4061EUA++ MAXIM-MAX4061EUA+ Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results

Similar Description - MAX4061EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com