Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4936 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4936
Description  Octal High-Voltage Transmit/Receive Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4936 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4936 Datasheet HTML 2Page - Maxim Integrated Products MAX4936 Datasheet HTML 3Page - Maxim Integrated Products MAX4936 Datasheet HTML 4Page - Maxim Integrated Products MAX4936 Datasheet HTML 5Page - Maxim Integrated Products MAX4936 Datasheet HTML 6Page - Maxim Integrated Products MAX4936 Datasheet HTML 7Page - Maxim Integrated Products MAX4936 Datasheet HTML 8Page - Maxim Integrated Products MAX4936 Datasheet HTML 9Page - Maxim Integrated Products MAX4936 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6 ______________________________________________________________________________________
Octal High-Voltage Transmit/Receive Switches
Figure 1. Serial Interface Timing
DIN
LE
CLK
DOUT
T/R SWITCH
OFF
ON
CLR
50%
50%
50%
50%
50%
50%
50%
50%
50%
90%
10%
tWL
tDH
tDS
tDO
tCS
tOFF
tON
tWC
DN
DN + 1
DN - 1


Similar Part No. - MAX4936

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4930 MAXIM-MAX4930 Datasheet
979Kb / 14P
   Dual 3:1 Clickless Audio Multiplexers with Negative-Signal Handling
Rev 4; 3/16
MAX4932 MAXIM-MAX4932 Datasheet
979Kb / 14P
   Dual 3:1 Clickless Audio Multiplexers with Negative-Signal Handling
Rev 4; 3/16
More results

Similar Description - MAX4936

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
   PCM TRANSMIT/RECEIVE FILTER
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com