Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWF1109 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLWF1109
Description  Panel Circuit Indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWF1109 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLWF1109 Datasheet HTML 1Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 2Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 3Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 4Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 5Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 6Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 7Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 8Page - Toshiba Semiconductor TLWF1109 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLWF1109(T11)
2010-06-03
4
TLWF1109
Ta = 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Cx, Cy – IF (typ.)
IV/IV(40 mA) – IF (typ.)
0.01
1
300
30
100
3
10
0.03
0.1
0.3
1
3
5
50
500
Ta
= 25°C
IF – VF (typ.)
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Ta
= 25°C
-40
-20
0
204060
80
100
10
1
0.1
Relative IV – Tc (typ.)
Case Temperature Tc (°C)
Forward current IF (mA)
Wavelength characteristic (typ.)
Wavelength
λ (nm)
Radiation pattern (typ.)
Forward Voltage VF (V)
Forward Current IF (mA)
0.28
0
10
20
30
40
50
0.29
0.30
0.31
0.32
0.33
Cy
Ta
= 25°C
Cx
0
300
400
500
600
700
800
0.2
0.4
0.6
0.8
1.0


Similar Part No. - TLWF1109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
More results

Similar Description - TLWF1109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com