Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWK1100CT11 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLWK1100CT11
Description  Panel Circuit Indicators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWK1100CT11 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLWK1100CT11 Datasheet HTML 1Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 2Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 3Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 4Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 5Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 6Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 7Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 8Page - Toshiba Semiconductor TLWK1100CT11 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLWK1100C(T11)
2008-12-26
8
5. Packing form
(1) Packing quantity
Reel
2,000 pcs
Carton
10,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
6. Label format
(1) Label contents
Shipped products are mentioned the following contents.
P/N:
TOSHIBA
TYPE
TLWK1100C
ADDC
(T11)
Q’TY
2,000 pcs
xxxxxx
xxxxxxxx
xxx
xxxx
(xxxxx)
E6SAN-0W1S6-07
Use under 5-30degC/60%RH within 168h
SEALED: xxxxxxxx
[[G]]/RoHS COMPATIBLE
DIFFUSED IN JAPAN
*Y380xxxxxxxxxxxxxxxxxx*
ASSEMBLED IN JAPAN
Contents about Note section (Each example means the contents are different for each lot.)
Information for customers use
Information for Toshiba use
1) Lot code
Example: 2707C2B
4) Management code
Example: 715 32G
2) Key code
Example: 12345678
5) Packing quantity
Example: 2000 pcs
3) Rank symbol
Example: B5WA2
6) Product information
E6SAN-0W1S6-07
7) Storage condition after opening
Use under 5-30 degC/60%RH within 168h
(2) Label location
1)
2)
4)
5)
3)
6)
7)
Tape feel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has the label attached to
center of one side.


Similar Part No. - TLWK1100CT11

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
More results

Similar Description - TLWK1100CT11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com