Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-480 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK400-480
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-480 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK400-480 Datasheet HTML 2Page - Sanyo Semicon Device STK400-480 Datasheet HTML 3Page - Sanyo Semicon Device STK400-480 Datasheet HTML 4Page - Sanyo Semicon Device STK400-480 Datasheet HTML 5Page - Sanyo Semicon Device STK400-480 Datasheet HTML 6Page - Sanyo Semicon Device STK400-480 Datasheet HTML 7Page - Sanyo Semicon Device STK400-480 Datasheet HTML 8Page - Sanyo Semicon Device STK400-480 Datasheet HTML 9Page - Sanyo Semicon Device STK400-480 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
The STK400-290 has six power transistors, so the thermal resistance per transistor
θj-c is 1.7°C / W. With an assured
ambient temperature Ta of 50°C, the required radiator thermal resistance
θc-a would be:
From expression (1)'
θc-a < (125–50)/66.5
< 1.12
From expression (2)'
θc-a < (150–50)/66.5 – 1.7/6
< 1.22
To satisfy both, 1.12°C/W is the required radiator thermal resistance.
Figure 2 illustrates Pd - PO when the VCC of STK400-290 is ±26 V and RL is functioning at 3 Ω.
Pd = 76 W (1/10 PO max = during 5 W)
From expression (1)'
θc-a < (125–50)/76
< 0.98
From expression (2)'
θc-a < (150-50)/76-1.7/6
< 1.03
To satisfy both, 0.98°C / W is the required radiator thermal resistance. This design example is based on a fixed voltage
supply, and will require verification within your specific set environment.
No. 4822-8/10
STK400-290


Similar Part No. - STK400-480

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-480 SANYO-STK400-480 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-480 SANYO-STK400-480 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-480 SANYO-STK400-480 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-480 SANYO-STK400-480 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-480 SANYO-STK400-480 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-480

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com