Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-650 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK400-650
Description  AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-650 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK400-650 Datasheet HTML 1Page - Sanyo Semicon Device STK400-650 Datasheet HTML 2Page - Sanyo Semicon Device STK400-650 Datasheet HTML 3Page - Sanyo Semicon Device STK400-650 Datasheet HTML 4Page - Sanyo Semicon Device STK400-650 Datasheet HTML 5Page - Sanyo Semicon Device STK400-650 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STK400-030
No. 5703—3/6
Series Configuration
The products are serialized according to the number of channels, the output capacity, and the distortion ratio. These
include the products under development: for details, please contact your Sanyo sales representative.
VCC max1 (RL = 6Ω), VCC max2 (RL = 3 to 6Ω), VCC1 (RL = 6Ω), VCC2 (RL = 3Ω)
STK400-000, STK400-200 series
(3-channel equal output)
STK401-000, STK401-200 series (2-channel)
Supply voltage [V]
Type No.
THD
[%]
Type No.
THD
[%]
Rated
output
Type No.
THD
[%]
Type No.
THD
[%]
Rated
output
VCC
max1
VCC
max2
VCC1VCC2
STK400-010
0.4
STK400-210
0.08
10W
× 3
STK401-010
0.4
STK401-210
0.08
10W
× 2–
±26.0
±17.5
±14.0
STK400-020
STK400-220
15W
× 3
STK401-020
STK401-220
15W
× 2–
±29.0
±20.0
±16.0
STK400-030
STK400-230
20W
× 3
STK401-030
STK401-230
20W
× 2–
±34.0
±23.0
±19.0
STK400-040
STK400-240
25W
× 3
STK401-040
STK401-240
25W
× 2–
±36.0
±25.0
±21.0
STK400-050
STK400-250
30W
× 3
STK401-050
STK401-250
30W
× 2–
±39.0
±26.0
±22.0
STK400-060
STK400-260
35W
× 3
STK401-060
STK401-260
35W
× 2–
±41.0
±28.0
±23.0
STK400-070
STK400-270
40W
× 3
STK401-070
STK401-270
40W
× 2–
±44.0
±30.0
±24.0
STK400-080
STK400-280
45W
× 3
STK401-080
STK401-280
45W
× 2–
±45.0
±31.0
±25.0
STK400-090
STK400-290
50W
× 3
STK401-090
STK401-290
50W
× 2–
±47.0
±32.0
±26.0
STK400-100
STK400-300
60W
× 3
STK401-100
STK401-300
60W
× 2–
±51.0
±35.0
±27.0
STK400-110
STK400-310
70W
× 3
STK401-110
STK401-310
70W
× 2
±56.0
±38.0
STK401-120
STK401-320
80W
× 2
±61.0
±42.0
STK401-130
STK401-330
100W
× 2
±65.0
±45.0
STK401-140
STK401-340
120W
× 2
±74.0
±51.0
STK400-400, STK400-600 series (3-channel different output)
Supply voltage [V]
Type No.
THD
[%]
Type No.
THD
[%]
Rated output
VCC
max1
VCC
max2
VCC1VCC2
STK400-450
0.4
STK400-650
0.08
Cch
30W
±39.0
±26.0
±22.0
L, Rch
15W
±29.0
±20.0
±16.0
STK400-460
STK400-660
Cch
35W
±41.0
±28.0
±23.0
L, Rch
15W
±29.0
±20.0
±16.0
STK400-470
STK400-670
Cch
40W
±44.0
±30.0
±24.0
L, Rch
20W
±34.0
±23.0
±19.0
STK400-480
STK400-680
Cch
45W
±45.0
±31.0
±25.0
L, Rch
20W
±34.0
±23.0
±19.0
STK400-490
STK400-690
Cch
50W
±47.0
±32.0
±26.0
L, Rch
25W
±36.0
±25.0
±21.0
STK400-500
STK400-700
Cch
60W
±51.0
±35.0
±27.0
L, Rch
30W
±39.0
±26.0
±22.0
STK400-510
STK400-710
Cch
70W
±56.0
±38.0
L, Rch
35W
±41.0
±28.0
±23.0
STK400-520
STK400-720
Cch
80W
±61.0
±42.0
L, Rch
40W
±44.0
±30.0
±24.0
STK400-530
STK400-730
Cch
100W
±65.0
±45.0
L, Rch
50W
±47.0
±32.0
±26.0


Similar Part No. - STK400-650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-650 SANYO-STK400-650 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-650 SANYO-STK400-650 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-650 SANYO-STK400-650 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-650 SANYO-STK400-650 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK400-650 SANYO-STK400-650 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com