Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5055BASA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5055BASA
Description  4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055BASA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5055BASA Datasheet HTML 2Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 3Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 4Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 5Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 6Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 7Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 8Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 9Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4A, 20ns, Dual MOSFET Drivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
TEMPERATURE (
°C)
100
75
-25
0
25
50
-3
-2
-1
0
1
2
3
4
-4
-50
125
DELAY MISMATCH BETWEEN 2 CHANNELS
vs. TEMPERATURE
VDD = 4.5V, CL = 10,000pF
OUTPUT RISING
OUTPUT FALLING
TEMPERATURE (
°C)
100
75
-25
0
25
50
-3
-2
-1
0
1
2
3
4
-4
-50
125
DELAY MISMATCH BETWEEN 2 CHANNELS
vs. TEMPERATURE
VDD = 15V, CL = 10,000pF
OUTPUT RISING
OUTPUT FALLING
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 4V, CL = 5000pF)
MAX5054 toc18
IN_-
2V/div
20ns/div
OUT_
2V/div
MAX5055 (TTL INPUT)
MAX5054 toc19
40ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 4V, CL = 10,000pF)
IN_-
2V/div
OUT_
2V/div
MAX5055 (TTL INPUT)
MAX5054 toc20
20ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 4V, CL = 5000pF)
IN_-
2V/div
OUT_
2V/div
MAX5055 (TTL INPUT)
MAX5054 toc21
40ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 4V, CL = 10,000pF)
IN_-
2V/div
OUT_
2V/div
MAX5055 (TTL INPUT)


Similar Part No. - MAX5055BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055BASA MAXIM-MAX5055BASA Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5055BASA MAXIM-MAX5055BASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
More results

Similar Description - MAX5055BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
logo
Maxim Integrated Produc...
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
HALO Electronics, Inc.
LD11-0086FLF HALO-LD11-0086FLF Datasheet
355Kb / 2P
   8 Pin DIL and 8 & 16 Pin SMD Packages
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
PCA ELECTRONICS INC.
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com