Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5057AASA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5057AASA
Description  4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5057AASA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5057AASA Datasheet HTML 7Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 8Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 9Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 10Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 11Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 12Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 13Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 14Page - Maxim Integrated Products MAX5057AASA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Supply Bypassing and Grounding
Pay extra attention to bypassing and grounding the
MAX5054–MAX5057. Peak supply and output currents
may exceed 8A when both drivers drive large external
capacitive loads in phase. Supply voltage drops and
ground shifts create forms of negative feedback for
inverters and may degrade the delay and transition times.
Ground shifts due to insufficient device grounding may
also disturb other circuits sharing the same AC ground
return path. Any series inductance in the VDD, OUT_,
and/or GND paths can cause oscillations due to the very
high di/dt when switching the MAX5054–MAX5057 with
any capacitive load. Place one or more 0.1µF ceramic
capacitors in parallel as close to the device as possible to
bypass VDD to GND. Use a ground plane to minimize
ground return resistance and series inductance. Place
the external MOSFET as close as possible to the
MAX5054–MAX5057 to further minimize board induc-
tance and AC path impedance.
Power Dissipation
Power dissipation of the MAX5054–MAX5057 consists
of three components: caused by the quiescent current,
capacitive charge/discharge of internal nodes, and the
output current (either capacitive or resistive load).
Maintain the sum of these components below the maxi-
mum power dissipation limit.
The current required to charge and discharge the internal
nodes is frequency dependent (see the Supply Current
vs. Supply Voltage graph in the
Typical Operating
Characteristics). The power dissipation (PQ) due to the
quiescent switching supply current (IDD-SW) per driver
can be calculated as:
PQ = VDD x IDD-SW
For capacitive loads, use the following equation to esti-
mate the power dissipation per driver:
PCLOAD = CLOAD x (VDD)
2 x fSW
where CLOAD is the capacitive load, VDD is the supply
voltage, and fSW is the switching frequency.
Calculate the total power dissipation (PT) per driver as
follows:
PT = PQ + PCLOAD
Use the following equation to estimate the MAX5054–
MAX5057 total power dissipation per driver when driving
a ground-referenced resistive load:
PT = PQ + PRLOAD
PRLOAD = D x RON(MAX) x ILOAD
2
where D (duty cycle) is the fraction of the period the
MAX5054–MAX5057’s output pulls high duty cycle,
RON(MAX) is the maximum on-resistance of the device
with the output high, and ILOAD is the output load current
of the MAX5054–MAX5057.
Layout Information
The MAX5054–MAX5057 MOSFET drivers source and
sink large currents to create very fast rising and falling
edges at the gate of the switching MOSFET. The high
di/dt can cause unacceptable ringing if the trace
lengths and impedances are not well controlled. Use the
following PC board layout guidelines when designing
with the MAX5054–MAX5057:
Place one or more 0.1µF decoupling ceramic
capacitors from VDD to GND as close to the device
as possible. Connect VDD and GND to large copper
areas. Place one bulk capacitor of 10µF (min) on
the PC board with a low resistance path to the VDD
input and GND of the MAX5054–MAX5057.
Two AC current loops form between the device and
the gate of the driven MOSFET. The MOSFET looks
like a large capacitance from gate to source when the
gate pulls low. The active current loop is from the
MOSFET gate to OUT_ of the MAX5054–MAX5057, to
GND of the MAX5054–MAX5057, and to the source of
the MOSFET. When the gate of the MOSFET pulls
high, the active current is from the VDD terminal of the
decoupling capacitor, to VDD of the MAX5054–
MAX5057, to OUT_ of the MAX5054–MAX5057, to the
MOSFET gate, to the MOSFET source, and to the
negative terminal of the decoupling capacitor. Both
charging current and discharging current loops are
important. Minimize the physical distance and the
impedance in these AC current paths.
Keep the device as close to the MOSFET as possible.
In a multilayer PC board, the inner layers should
consist of a GND plane containing the discharging
and charging current loops.
Pay extra attention to the ground loop and use a
low-impedance source when using a TTL logic-
input device. Fast fall time at OUT_ may corrupt the
input during transition.
4A, 20ns, Dual MOSFET Drivers
______________________________________________________________________________________
11


Similar Part No. - MAX5057AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5057AASA MAXIM-MAX5057AASA Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5057AASA MAXIM-MAX5057AASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5057AASA++ MAXIM-MAX5057AASA+ Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5057AASA++ MAXIM-MAX5057AASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
More results

Similar Description - MAX5057AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
logo
Maxim Integrated Produc...
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
HALO Electronics, Inc.
LD11-0086FLF HALO-LD11-0086FLF Datasheet
355Kb / 2P
   8 Pin DIL and 8 & 16 Pin SMD Packages
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
PCA ELECTRONICS INC.
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com