Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYK37TP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLYK37TP
Description  Panel Circuit Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYK37TP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLYK37TP Datasheet HTML 1Page - Toshiba Semiconductor TLYK37TP Datasheet HTML 2Page - Toshiba Semiconductor TLYK37TP Datasheet HTML 3Page - Toshiba Semiconductor TLYK37TP Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLYK37TP(MT1,F)
2010-03-18
3
IV – Tc
Case temperature Tc (°C)
IF – VF
Forward voltage VF (V)
100
1
1.6
50
10
5
3
1.8
2.0
2.2
2.4
2.6
2.8
30
Ta = 25°C
10
0.1
−20
1
0.5
0.3
0
20
40
60
80
5
3
Relative Luminous Intensity
Wavelength
Wavelength λ (nm)
0
540
580
600
620
660
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
560
640
IV – IF
Forward current IF (mA)
10
1
100
100
10000
3
5
30
50
500
1000
30000
3000
5000
300
Ta
= 25°C
Radiation Pattern
Ta = 25 °C
0
0.2
0.4
0.6
0.8
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0


Similar Part No. - TLYK37TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYK37TP TOSHIBA-TLYK37TP Datasheet
373Kb / 7P
   Panel Circuit Indicator
TLYK37TPF TOSHIBA-TLYK37TPF Datasheet
373Kb / 7P
   Panel Circuit Indicator
logo
Marktech Corporate
TLYK37TPFMT MARKTECH-TLYK37TPFMT Datasheet
266Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
TLYK37TPFTPK53 MARKTECH-TLYK37TPFTPK53 Datasheet
582Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYK37TPK53MT1 TOSHIBA-TLYK37TPK53MT1 Datasheet
373Kb / 7P
   Panel Circuit Indicator
More results

Similar Description - TLYK37TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com