Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYK37TPMT1 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLYK37TPMT1
Description  Panel Circuit Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYK37TPMT1 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLYK37TPMT1 Datasheet HTML 1Page - Toshiba Semiconductor TLYK37TPMT1 Datasheet HTML 2Page - Toshiba Semiconductor TLYK37TPMT1 Datasheet HTML 3Page - Toshiba Semiconductor TLYK37TPMT1 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLYK37TP(MT1,F)
2010-03-18
2
Electrical and Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
(Note 2)
1.85
2.25
2.45
V
Reverse current
IR
VR = 4 V
50
µA
Luminous intensity
IV
IF = 20 mA
(Note 2)
3380
6800
19000
mcd
Peak emission wavelength
λP
IF = 20 mA
594
nm
Spectral line half width
∆λ
IF = 20 mA
13
nm
Dominant wavelength
λd
IF = 20 mA
(Note 2)
587
590
593
nm
Note2:
Lamps are classified into the following ranks according to their dominant wavelength and luminous intensity,
forward voltage.
Each packing box includes single luminous Intensity class and single dominant wavelength class.
Dominant wavelength_ rank classification
Rank
Min
Max
Accuracy
587
590
±
2nm
590
593
Unit
nm
IV _ rank classification
Rank
Min
Max
Accuracy
U
3380
6010
V
6010
10700
±
22.5%
W
10700
19000
Unit
mcd
Forward voltage _ rank classification
Rank
Min
Max
Accuracy
A
1.85
2.05
B
2.05
2.25
±
0.05V
C
2.25
2.45
Unit
V
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.


Similar Part No. - TLYK37TPMT1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLYK37TPMT MARKTECH-TLYK37TPMT Datasheet
266Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
More results

Similar Description - TLYK37TPMT1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com