Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5360 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5360
Description  Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5360 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5360 Datasheet HTML 1Page - Maxim Integrated Products MAX5360 Datasheet HTML 2Page - Maxim Integrated Products MAX5360 Datasheet HTML 3Page - Maxim Integrated Products MAX5360 Datasheet HTML 4Page - Maxim Integrated Products MAX5360 Datasheet HTML 5Page - Maxim Integrated Products MAX5360 Datasheet HTML 6Page - Maxim Integrated Products MAX5360 Datasheet HTML 7Page - Maxim Integrated Products MAX5360 Datasheet HTML 8Page - Maxim Integrated Products MAX5360 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, Low-Power 6-Bit DACs with
2-Wire Serial Interface in SOT23 Package
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX5360); VDD = 4.5V to 5.5V (MAX5361); VDD = 2.7V to 5.5V (MAX5362); RL =10kΩ, CL = 50pF, TA = TMAX to
TMIN, Figure 3, unless otherwise noted. Typical values are TA = +25°C.)
Data Hold Time
tHD, DAT
0
0.9
µs
Data Setup Time
tSU, DAT
100
ns
Rise Time of Both SDA and
SCL Signals
tr
300
ns
Fall Time of Both SDA and
SCL Signals
tf
CONDITIONS
300
ns
Setup Time for STOP Condition
tSU, STO
0.6
µs
Capacitive Load for Each
Bus Line
Cb
400
pF
µs
0.6
tSU, STA
Setup Time for a Repeated
START Condition
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Guaranteed from code 1 to code 63.
Note 2: The offset value extrapolated from the range over which the INL is guaranteed.
Note 3: MAX5362, tested at VDD = 5V ±10%.
Note 4: MAX5360, tested at VDD = 3V ±10%; MAX5361, tested at VDD = 5V ±10%.
Note 5: Actual output voltage at full scale is 63/64
 VREF.
Note 6: Output settling time is measured by taking the code from code 1 to code 63, and from code 63 to code 1.
Note 7: Guaranteed by design.
-0.045
-0.020
-0.030
-0.025
-0.035
-0.040
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0
255075
INTEGRAL NONLINEARITY vs. CODE
CODE
0
-0.025
-0.050
2.5
4.0
3.0
3.5
4.5
5.0
5.5
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
-0.025
-0.050
-40
20
-20
0
40
60
80
100
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(VDD = 3V (MAX5360), VDD = 5V (MAX5361/MAX5362), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360LEUK MAXIM-MAX5360LEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360MEUK MAXIM-MAX5360MEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360NEUK MAXIM-MAX5360NEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360PEUK MAXIM-MAX5360PEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX5360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com