Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-31A-GHC-YV1W2EZ3-2T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 67-31A-GHC-YV1W2EZ3-2T
Description  Power Top View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31A-GHC-YV1W2EZ3-2T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-31A-GHC-YV1W2EZ3-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:58.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 7 of 10
Device No. : DSE-67A-042
prepared date:19-Oct-2006
Prepared by: Ya_Hui Fang
67-31A/GHC-YV1W2EZ3/2T
Carrier Tape Dimensions; Loaded quantity per reel 2000 PCS/reel
Note: Tolerances Unless Dimension ±0.1mm
Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 67-31A-GHC-YV1W2EZ3-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31A-B7C-AT1U2MZ3-2T EVERLIGHT-67-31A-B7C-AT1U2MZ3-2T Datasheet
186Kb / 10P
   Power Top View LED
67-31A-RAC-AU2V2B9Z5-2T EVERLIGHT-67-31A-RAC-AU2V2B9Z5-2T Datasheet
167Kb / 12P
   Power Top View LED
67-31A-SAC-AW1X2B9Z5-2T EVERLIGHT-67-31A-SAC-AW1X2B9Z5-2T Datasheet
154Kb / 10P
   Power Top View LED
More results

Similar Description - 67-31A-GHC-YV1W2EZ3-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL3527WA7 EVERLIGHT-EAPL3527WA7 Datasheet
348Kb / 10P
   Power Top View LED
67-31A-SAC-AW1X2B9Z5-2T EVERLIGHT-67-31A-SAC-AW1X2B9Z5-2T Datasheet
154Kb / 10P
   Power Top View LED
EAPL3527BA5 EVERLIGHT-EAPL3527BA5 Datasheet
393Kb / 9P
   Power Top View LED
67-31A-B7C-AT1U2MZ3-2T EVERLIGHT-67-31A-B7C-AT1U2MZ3-2T Datasheet
186Kb / 10P
   Power Top View LED
67-31E-RSC-AV1W2B9Z5-2T EVERLIGHT-67-31E-RSC-AV1W2B9Z5-2T Datasheet
261Kb / 10P
   Power Top View LED
EAPL3527GA7 EVERLIGHT-EAPL3527GA7 Datasheet
357Kb / 9P
   Power Top View LED
EAPL3527RA8 EVERLIGHT-EAPL3527RA8 Datasheet
357Kb / 9P
   Power Top View LED
EAPL3527WA0 EVERLIGHT-EAPL3527WA0 Datasheet
368Kb / 10P
   Power Top View LED
EAPL3527OA0 EVERLIGHT-EAPL3527OA0 Datasheet
338Kb / 9P
   Power Top View LED
EAPL3527BA3-AM EVERLIGHT-EAPL3527BA3-AM Datasheet
446Kb / 10P
   Power Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com