Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5055BASA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5055BASA+
Description  4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055BASA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5055BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
The logic inputs are high impedance and must not be left
floating. If the inputs are left open, OUT_ can go to an
undefined state as soon as VDD rises above the UVLO
threshold. Therefore, the PWM output from the controller
must assume proper state when powering up the device.
The MAX5054 has two logic inputs per driver providing
greater flexibility in controlling the MOSFET. Use IN_+ for
noninverting logic and IN_- for inverting logic operation.
Connect IN_+ to VDD and IN_- to GND if not used.
Alternatively, the unused input can be used as an
ON/OFF function. Use IN_+ for active-low shutdown logic
and IN_- for active-high shutdown logic (see Figure 4).
See Table 1 for all possible input combinations.
Driver Output
The MAX5054–MAX5057 have low RDS(ON) p-channel
and n-channel devices (totem pole) in the output stage
for the fast turn-on and turn-off high gate-charge switch-
ing MOSFETs. The peak source or sink current is typically
4A. The OUT_ voltage is approximately equal to VDD
when in high state and is ground when in low state. The
driver RDS(ON) is lower at higher VDD, thus higher
source-/sink-current capability and faster switching
speeds. The propagation delays from the noninverting
and inverting logic inputs to outputs are matched to 2ns.
The break-before-make logic avoids any cross-conduc-
tion between the internal p- and n-channel devices, and
eliminates shoot-through currents reducing the quiescent
supply current.
Applications Information
RLC Series Circuit
The driver’s RDS(ON) (RON), internal bond and lead
inductance (LP), trace inductance (LS), gate inductance
(LG), and gate capacitance (CG) form a series RLC
circuit with a second-order characteristic equation. The
series RLC circuit has an undamped natural frequency
(
ϖ0) and a damping ratio (ζ) where:
The damping ratio needs to be greater than 0.5 (ideally 1)
to avoid ringing. Add a small resistor (RGATE) in series
with the gate when driving a very low gate-charge
MOSFET, or when the driver is placed away from the
MOSFET. Use the following equation to calculate the
series resistor:
LP can be approximated as 3nH and 2nH for SO and
TDFN packages, respectively. LS is on the order of
20nH/in. Verify LG with the MOSFET vendor.
R
LLL
C
R
GATE
PSG
G
ON
++
()
ϖ
ξ
0
1
2
=
++
×
=
×
++
()
()
LLL
C
R
LLL
C
PSG
G
ON
PSG
G
4A, 20ns, Dual MOSFET Drivers
10
______________________________________________________________________________________
MAX5054A
VDD
GND
INA-
INA+
OUTA
PWM
INPUT
ON
OFF
Figure 4. Unused Input as an ON/OFF Function (1/2 MAX5054A)
Table 1. MAX5054 Truth Table
INA+/INB+
INA-/INB-
OUTA/OUTB
Low
Low
Low
Low
High
Low
High
Low
High
High
High
Low
Table 2. MAX5055/MAX5056/MAX5057
Truth Table
NONINVERTING
IN_+
OUT_
Low
Low
High
High
INVERTING
IN_-
OUT_
Low
High
High
Low


Similar Part No. - MAX5055BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
More results

Similar Description - MAX5055BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
logo
Maxim Integrated Produc...
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
HALO Electronics, Inc.
LD11-0086FLF HALO-LD11-0086FLF Datasheet
355Kb / 2P
   8 Pin DIL and 8 & 16 Pin SMD Packages
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
PCA ELECTRONICS INC.
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com