Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5055BASA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5055BASA+
Description  4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055BASA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5055BASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5055BASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4A, 20ns, Dual MOSFET Drivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 4V to 15V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 15V and TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MATCHING CHARACTERISTICS
VDD = 15V, CL = 10,000pF
2
Mismatch Propagation Delays from
Inverting and Noninverting Inputs
to Output
∆tON-OFF
VDD = 4.5V, CL = 10,000pF
4
ns
VDD = 15V, CL = 10,000pF
1
Mismatch Propagation Delays
Between Channel A and Channel B
∆tA-B
VDD = 4.5V, CL = 10,000pF
2
ns
Note 2: All devices are 100% tested at TA = +25°C. Specifications over -40°C to +125°C are guaranteed by design.
Note 3: Limits are guaranteed by design, not production tested.
Note 4: The logic-input thresholds are tested at VDD = 4V and VDD = 15V.
Note 5: TTL compatible with reduced noise immunity.
RISE TIME vs. SUPPLY VOLTAGE
(CL = 5000pF)
SUPPLY VOLTAGE (V)
14
12
10
8
6
10
20
30
40
50
60
0
416
TA = +125
°C
TA = +25
°C
TA = -40
°C
FALL TIME vs. SUPPLY VOLTAGE
(CL = 5000pF)
TA = +125
°C
TA = +25
°C
TA = -40
°C
10
20
30
40
50
60
0
SUPPLY VOLTAGE (V)
14
12
10
8
6
416
PROPAGATION DELAY TIME,
LOW-TO-HIGH vs. SUPPLY VOLTAGE
(CL = 5000pF)
TA = +125
°C
TA = +25
°C
TA = -40
°C
10
20
30
40
50
60
0
SUPPLY VOLTAGE (V)
14
12
10
8
6
416
PROPAGATION DELAY TIME,
HIGH-TO-LOW vs. SUPPLY VOLTAGE
(CL = 5000pF)
TA = +125
°C
TA = +25
°C
TA = -40
°C
10
20
30
40
50
60
0
SUPPLY VOLTAGE (V)
14
12
10
8
6
416
IDD-SW SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
12
10
8
6
1
2
3
4
5
6
0
416
DUTY CYCLE = 50%
VDD = 15V, CL = 0
1 CHANNEL SWITCHING
1MHz
50kHz
100kHz
500kHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
12
10
8
6
10
20
30
40
50
60
70
80
90
100
0
416
DUTY CYCLE = 50%
VDD = 15V, CL = 4700pF
1 CHANNEL SWITCHING
1MHz
50kHz
100kHz
500kHz
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5055BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
More results

Similar Description - MAX5055BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
   4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages
Rev 1; 4/11
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
logo
Maxim Integrated Produc...
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
logo
HALO Electronics, Inc.
LD11-0086FLF HALO-LD11-0086FLF Datasheet
355Kb / 2P
   8 Pin DIL and 8 & 16 Pin SMD Packages
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
PCA ELECTRONICS INC.
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com