Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5360MEUK Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5360MEUK
Description  Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5360MEUK Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5360MEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 9Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 10Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 11Page - Maxim Integrated Products MAX5360MEUK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
I2C Compatibility
The MAX5360/MAX5361/MAX5362 are compatible with
existing I2C systems. SCL and SDA are high-imped-
ance inputs; SDA has an open drain that pulls the data
line low during the 9th clock pulse. Figure 7 shows a
typical I2C application. The communication protocol
supports the standard I2C 8-bit communications. The
general call address is ignored, and CBUS formats are
not supported. The MAX5360/MAX5361/MAX5362
address is compatible with the 7-bit I2C addressing
protocol only. No 10-bit formats are supported.
RESTART protocol is supported, but an immediate
STOP condition is necessary to update the DAC.
Applications Information
Digital Inputs and Interface Logic
The serial 2-wire interface has logic levels defined as
VOL = 0.3 x VDD and VOH = 0.7 x VDD. All of the inputs
include Schmitt-trigger buffers to accept slow-transition
interfaces. This means that optocouplers can interface
directly to the MAX5360/MAX5361/MAX5362 without
additional external logic. The digital inputs are compati-
ble with CMOS logic levels and must not be driven with
voltages higher than VDD.
Power-Supply Bypassing and Layout
Careful PC board layout is important for best system
performance. To reduce crosstalk and noise injection,
keep analog and digital signals separate. Ensure that
the ground return from GND to the supply ground is
short and low impedance; a ground plane is recom-
mended. Bypass VDD with a 0.1µF to ground as close
as possible to the device. If the supply is excessively
noisy, connect a 10
Ω resistor in series with the supply
and VDD, and add additional capacitance
Low-Cost, Low-Power 6-Bit DACs with
2-Wire Serial Interface in SOT23 Package
______________________________________________________________________________________
11
μC
SDA SCL
VDD
OFFSET ADJUSTMENT
THRESHOLD ADJUSTMENT
GAIN ADJUSTMENT
SCL
SDA
VDD
OUT
MAX5360L
2V REFERENCE
SCL
SDA
VDD
OUT
MAX5361M
4V REFERENCE
SCL
SDA
VDD
OUT
MAX5362P
VDD REFERENCE
Figure 7. I2C Typical Application
PROCESS: BiCMOS
Chip Information


Similar Part No. - MAX5360MEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360MEUK MAXIM-MAX5360MEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX5360MEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com