Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6517UK Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6517UK
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6517UK Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6517UK Datasheet HTML 2Page - Maxim Integrated Products MAX6517UK Datasheet HTML 3Page - Maxim Integrated Products MAX6517UK Datasheet HTML 4Page - Maxim Integrated Products MAX6517UK Datasheet HTML 5Page - Maxim Integrated Products MAX6517UK Datasheet HTML 6Page - Maxim Integrated Products MAX6517UK Datasheet HTML 7Page - Maxim Integrated Products MAX6517UK Datasheet HTML 8Page - Maxim Integrated Products MAX6517UK Datasheet HTML 9Page - Maxim Integrated Products MAX6517UK Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Cost, Fail-Safe Temperature
In high-performance/high-reliability applications, multi-
ple temperature monitoring is important. The high-level
integration and low cost of the MAX6516 and MAX6518
facilitate the use of multiple temperature monitors to
increase system reliability. The application in Figure 3
uses two MAX6516s with different hot temperature
thresholds to ensure that fault conditions that can
overheat the monitored device cause no permanent
damage. The first temperature monitor activates the fan
when the die temperature exceeds +45°C. The second
MAX6516 triggers a system shutdown if the die
temperature reaches +75°C, preventing damage from
a wide variety of destructive fault conditions, including
latchups, short circuits, and cooling-system failures.
PC Board Testing
The MAX6516–MAX6519 temp sensor devices can be
tested after PC board assembly using OUT. Testing
can be used to verify proper assembly and functionality
of the temperature protection circuitry. Since OUT has
a weak drive capability, the voltage at OUT can be
forced to cause the digital outputs to change states,
thereby verifying that the internal comparators and out-
put circuitry function properly after assembly. Below is
a test procedure that can be used to test the
MAX6516–MAX6519:
• Power up the device, measure OUT, and observe the
state of the logic output.
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
6
_______________________________________________________________________________________
MAX6516UKP075
VCC
HYST
GND
TOVER
TUNDER
MAX6516UKN005
VCC
HYST
GND
5V
OVERTEMP
UNDERTEMP
OUT OF RANGE
OUT
OUT
Figure 1. Temperature-Window Alarms Using the MAX6516
MAX6517UKP075
MAX6517UKN005
VCC
GND
TUNDER
VCC
5V
GND
HYST
HYST
OUT
TOVER
OUT
100k
Ω
OUT OF RANGE
Figure 2. Temperature Window Alarm Using the MAX6517
MAX6516UKP075
GND
5V
HYST
OUT
TOVER
SYSTEM
SHUTDOWN
VCC
MAX6516UKP045
GND
OUT
TOVER
FAN CONTROL
VCC
HYST
GND
μP
HEAT
HEAT
Figure 3. Low-Power, High-Reliability, Fail-Safe Temperature
Monitor


Similar Part No. - MAX6517UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6517UK MAXIM-MAX6517UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6517UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com