Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5362PEUK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5362PEUK
Description  Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5362PEUK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5362PEUK Datasheet HTML 3Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 4Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 5Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 6Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 7Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 8Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 9Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 10Page - Maxim Integrated Products MAX5362PEUK Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Cost, Low-Power 6-Bit DACs with
2-Wire Serial Interface in SOT23 Package
_______________________________________________________________________________________
7
Pin Description
NAME
FUNCTION
1
OUT
DAC Voltage Output
2
GND
Ground
PIN
3
VDD
Power-Supply Input
4
SDA
Serial Data Input
5
SCL
Serial Clock Input
10
μs/div
MAX5360
OUTPUT VOLTAGE
EXITING SHUTDOWN
OUT
500mV/div
SDA
3V/div
1
μs/div
MAX5360
OUTPUT VOLTAGE
ENTERING SHUTDOWN
OUT
500mV/div
SDA
3V/div
1
μs/div
MAX5360
OUTPUT SETTLING FROM
1/4 FS TO 3/4 FS
OUT
0.5V/div
SDA
3V/div
1
μs/div
MAX5360
OUTPUT SETTLING FROM
3/4 FS TO 1/4 FS
OUT
0.5V/div
SDA
3V/div
2
μs/div
MAX5360
OUTPUT SETTLING
1/4LSB STEP-UP
OUT
20mV/div
AC-COUPLED
SDA
3V/div
0 x 7F TO 0 x 80
01111111 TO 10000000
MAX5360
OUTPUT SETTLING
1/4LSB STEP-DOWN
OUT
20mV/div
AC-COUPLED
SDA
3V/div
2
μs/div
0 x 80 TO 0 x 7F
10000000 TO 01111111
Typical Operating Characteristics (continued)
(VDD = 3V (MAX5360), VDD = 5V (MAX5361/MAX5362), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5362PEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5362PEUK MAXIM-MAX5362PEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX5362PEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com