Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7057 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7057
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7057_11 Datasheet HTML 7Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 8Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 9Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 10Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 11Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 12Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 13Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 14Page - Maxim Integrated Products MAX7057_11 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Depending on the command, byte 1 through byte N
may assume different functions. They may either be a
direct command (write, read, read all, reset), or an
address or data contents. The commands available in
the MAX7057 SPI are described in detail below:
Write: The write command (0x01) is used to program
the MAX7057 registers (see Tables 2 and 3). The for-
mat shown in Figure 3 must be followed, allowing all the
registers to be programmed within one
CS cycle.
Using a byte descriptive notation, the write command
can be viewed as the following sequence:
Data 0 is then written to the register addressed by
<Initial Address>, Data 1 is written to <Initial Address +
1>, and so on.
Read: To execute an SPI read operation, the general-
purpose output (GPO) pin must be configured to either
a CKOUT_SDO or SDO function (see Tables 15 and 16
for details).
SDI: <0x01> <Initial Address> <Data 0> <Data 1> … <Data N>
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
______________________________________________________________________________________
11
Figure 2. SPI Format
SDI
SCLK
CS
WRITE COMMAND (0x01)
INITIAL ADDRESS (A[7:0])
DATA 0
DATA N
D7
D7
D6
D5
D4
D3
D2
D1
D0
A7
A6
A5
A4
A3
A2
A1
A0
D0
SDI
DATA 1
DATA N
SCLK
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
CS
Figure 3. SPI Write Command Format


Similar Part No. - MAX7057_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057ASE MAXIM-MAX7057ASE Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results

Similar Description - MAX7057_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com