Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7057ASE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
nates the problems associated with crystal-pulling FSK
signal generation. The multiplying factor of the PLL is
set by a 16-bit number, with 4 bits for integer and 12
bits for fraction. The 12-bit fraction in the synthesizer
results in a tuning resolution that is equal to the refer-
ence frequency divided by 4096.
The MAX7057 has an internal variable shunt capacitor
connected at the PA output. This capacitor is controlled
using the SPI to maintain highly efficient transmission at
any frequency within a 1.47 to 1 (28/19) tuning range.
This means that it is possible to change the frequency
and retune the antenna to the new frequency in a very
short time. The combination of rapid-antenna tuning
ability with rapid-synthesizer tuning makes the
MAX7057 a true frequency-agile transmitter. The tuning
capacitor has a resolution of 0.25pF. The MAX7057
also features adjustable output power through an exter-
nal resistor to nearly +10dBm into a 50
Ω load at +2.7V.
The MAX7057 supports data rates up to 100kbps NRZ
in both ASK and FSK modes. In FSK mode, the fre-
quency deviation can be programmed as low as
±2kHz
and as high as
±100kHz.
Power Amplifier (PA)
The PA of the MAX7057 is a high-efficiency, open-drain
switching-mode amplifier. In a switching-mode amplifi-
er, the gate of the final-stage FET is driven with a very
sharp 25% duty-cycle square wave at the transmit fre-
quency. This square wave is derived from the synthe-
sizer circuit. When the matching network is tuned
correctly, the output FET resonates the attached match-
ing circuit with a minimum amount of power dissipated
in the FET. With a proper output-matching network, the
PA can drive a wide range of antenna impedances,
which include a small-loop PCB trace and a 50
Ω anten-
na. The output-matching network suppresses the carri-
er harmonics and transforms the antenna impedance to
an optimal impedance at PAOUT, which is from 125
to 250
Ω.
When the output-matching network is properly tuned,
the PA transmits power with a high overall efficiency of
up to 25%. The efficiency of the PA itself is more than
39%. The output power can be adjusted by changing
the impedance seen by the PA or by adjusting the
value of an external resistor at PAOUT.
Envelope Shaping
The MAX7057 features an internal envelope-shaping
resistor for ASK modulation, which connects between
PAVDD and ROUT. When connected to the PA pullup
inductor, the envelope-shaping resistor slows the turn-
on/-off time of the PA and results in a smaller spectral
width of the modulated PA output signal.
Variable Capacitor
The MAX7057 has a set of internal variable shunt
capacitors that can be switched in and out to present
different capacitor values at the PA output. The capaci-
tors are connected from the PA output to ground. This
allows changing the tuning network along with the syn-
thesizer divide ratio each time the transmitted frequency
changes, making it possible to maintain maximum trans-
mitter power while moving rapidly from one frequency to
another.
When the particular capacitance control bit is high, the
corresponding amount of shunt capacitance is added at
PAOUT. The 32 capacitor values are selected using the
SPI; the capacitance resolution is 0.25pF. The total
capacitance can vary from 0 to 7.75pF. For example, if
cap[1] and cap[3] are high, and cap[4], cap[2], and
cap[0] are low, this circuit will add 2.5pF at PAOUT. See
Table 1 for variable capacitor values and control bits.
Fractional-N Phase-Locked Loop (PLL)
The MAX7057 utilizes a fully integrated fractional-N PLL
for its transmit frequency synthesizer. All PLL compo-
nents, including the loop filter, are included on-chip.
The loop bandwidth is programmable to either 300kHz
or 600kHz. See Tables 2, 3, and 4 for “pllbw” bit
description. The 16-bit fractional-N topology allows the
transmit frequency to be adjusted in increments of
fXTAL/4096. The allowable range of the fRF/fXTAL ratio is
approximately 19 to 28.
The fractional-N topology also allows exact FSK fre-
quency deviations to be programmed, completely elimi-
nating the problems associated with generating
frequency deviations by crystal oscillator pulling.
The integer and fractional portions of the PLL divider
ratio set the transmit frequency. The following example
shows how to determine the correct values to be
loaded to registers HIFREQ1, HIFREQ0, LOFREQ1, and
LOFREQ0. See Tables 2, 3, and 7–10 for a detailed
description of these registers.
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
_______________________________________________________________________________________
9
Table 1. Variable Capacitor Values and
Control Bits
SPI REGISTER BITS
INCREMENTAL SHUNT
CAPACITANCE (pF)
cap[0]
0.25
cap[1]
0.5
cap[2]
1.0
cap[3]
2.0
cap[4]
4.0


Similar Part No. - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057ASE MAXIM-MAX7057ASE Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results

Similar Description - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com