Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6516UKP005 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6516UKP005
Description  Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6516UKP005 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6516UKP005 Datasheet HTML 1Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 2Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 3Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 4Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 5Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 6Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 7Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 8Page - Maxim Integrated Products MAX6516UKP005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Cost, 2.7V to 5.5V, Analog Temperature
Sensor Switches in a SOT23
_______________________________________________________________________________________
3
TRIP-THRESHOLD ACCURACY
ACCURACY (
°C)
0.5
TO 0.75
0
TO 0.25
-0.25
TO -0.5
-0.75
TO -1.0
-1.25
TO -1.5
10
20
30
40
50
0
1.0
TO 1.25
SAMPLE SIZE = 147
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
105
85
45
65
-15
5
25
-35
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0.50
-55
125
TEMPERATURE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
105
85
65
45
25
5
-15
-35
-1
0
1
2
-2
-55
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
105
85
65
45
25
5
-15
-35
5
10
15
20
25
30
0
-55
125
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1.7850
1.7900
1.7950
1.8000
1.8050
1.8100
1.8150
1.8200
1.8250
1.8300
1.7800
2.5
5.5
TA = +30
°C
TOVER/TUNDER OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
ISINK (mA)
9
8
7
6
5
4
3
2
1
1
2
3
4
5
0
010
TOVER/TUNDER OUTPUT VOLTAGE LOW
vs. SOURCE CURRENT
ISINK (mA)
9
8
7
6
5
4
3
2
1
100
200
300
400
500
0
010
THERMAL STEP RESPONSE IN
PERFLOURINATED FLUID
MAX6516 toc08
+25
°C
+18.5
°C/div
+100
°C
2s/div
THERMAL STEP RESPONSE IN
STILL AIR
MAX6516 toc09
+25
°C
+18.5
°C/div
+100
°C
10s/div
Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6516UKP005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516UK MAXIM-MAX6516UK Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
More results

Similar Description - MAX6516UKP005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647_07 Datasheet
220Kb / 9P
   25Ω SPST Analog Switches in SOT23-6
Rev 1; 1/07
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com