Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6696AEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6696AEE
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6696AEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6696AEE Datasheet HTML 1Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 2Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 3Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 4Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 5Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 6Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 7Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 8Page - Maxim Integrated Products MAX6696AEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
1
2
3
4
5
6
0
3.0
3.6
AVERAGE OPERATING SUPPLY CURRENT
vs. CONVERSION RATE CONTROL REGISTER VALUE
CONVERSION RATE CONTROL REGISTER VALUE (hex)
3
2
1
100
200
300
400
500
600
0
07
6
5
4
TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
REMOTE TEMPERATURE (
°C)
100
75
25
50
0
-25
-4
-3
-2
-1
0
1
2
3
4
5
-5
-50
125
REMOTE CHANNEL2
REMOTE CHANNEL1
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
DIE TEMPERATURE (
°C)
100
75
25
50
0
-25
-4
-3
-2
-1
0
1
2
3
4
5
-5
-50
125
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-DXN CAPACITANCE (nF)
3
-3
-2
-1
0
1
2
1
10
100
REMOTE CHANNEL1
REMOTE CHANNEL2
3
0.001
0.01
0.1
1
10
100
2
1
0
-1
-2
-3
TEMPERATURE ERROR
vs. DIFFERENTIAL NOISE FREQUENCY
FREQUENCY (MHz)
REMOTE CHANNEL1
VIN = 10mVP-P
REMOTE CHANNEL2
3
0.001
0.01
0.1
1
10
100
2
1
0
-2
-1
-3
REMOTE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
100mVP-P
REMOTE CHANNEL2
REMOTE CHANNEL1
3
0.001
0.01
0.1
1
10
100
2
1
-1
0
-2
-3
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
100mVP-P
3
0.001
0.01
0.1
1
10
100
2
1
0
-1
-2
-3
TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (Hz)
REMOTE CHANNEL1
10mVP-P
REMOTE CHANNEL2


Similar Part No. - MAX6696AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6696AEE MAXIM-MAX6696AEE Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
More results

Similar Description - MAX6696AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com