Electronic Components Datasheet Search |
|
MAX6696YAEE Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX6696YAEE Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 19 page Dual Remote/Local Temperature Sensors with SMBus Serial Interface _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS ALERT, OT1, OT2 Output Low Sink Current VOL = 0.4V 6 mA Output High Leakage Current VOH = 3.6V 1 μA INPUT PIN, ADD0, ADD1 (MAX6696) Logic Input Low Voltage VIL 0.3 V Logic Input High Voltage VIH 2.9 V INPUT PIN, RESET, STBY (MAX6696) Logic Input Low Voltage VIL 0.8 V Logic Input High Voltage VIH 2.1 V Input Leakage Current ILEAK -1 +1 μA SMBus INTERFACE (SMBCLK, SMBDATA, STBY) Logic Input Low Voltage VIL 0.8 V Logic Input High Voltage VIH 2.1 V Input Leakage Current ILEAK VIN = GND or VCC ±1 μA Output Low Sink Current IOL VOL = 0.6V 6 mA Input Capacitance CIN 5 pF SMBus-COMPATIBLE TIMING (Figures 4 and 5) (Note 2) Serial Clock Frequency fSCL 10 100 kHz Bus Free Time Between STOP and START Condition tBUF 4.7 μs Repeat START Condition Setup Time tSU:STA 90% of SMBCLK to 90% of SMBDATA 4.7 μs START Condition Hold Time tHD:STA 10% of SMBDATA to 90% of SMBCLK 4 μs STOP Condition Setup Time tSU:STO 90% of SMBCLK to 90% of SMBDATA 4 μs Clock Low Period tLOW 10% to 10% 4 μs Clock High Period tHIGH 90% to 90% 4.7 μs Data Setup Time tSU:DAT 250 ns Data Hold Time tHD:DAT 300 ns SMB Rise Time tR 1 μs SMB Fall Time tF 300 ns SMBus Timeout SMBDATA low period for interface reset 20 30 40 ms Note 1: Based on diode ideality factor of 1.008. Note 2: Specifications are guaranteed by design, not production tested. |
Similar Part No. - MAX6696YAEE |
|
Similar Description - MAX6696YAEE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |