Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8688BHETG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8688BHETG
Description  Digital Power-Supply Controller/Monitor with PMBus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8688BHETG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8688BHETG Datasheet HTML 1Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 2Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 3Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 4Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 5Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 6Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 7Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 8Page - Maxim Integrated Products MAX8688BHETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Digital Power-Supply Controller/Monitor
with PMBus Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 3.3V, TA = TJ = -40°C to +85°C, VRS+ - VRS- = 2V, VRS- = VAGND, unless otherwise stated.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
DAC Resolution
12
bits
DAC Output-Voltage Range
No load
REFO -
1 LSB
V
DAC Output-Voltage Slew Rate
0.6
V/µs
DAC Output Resistance
5
DAC Driving Capability
2mA
ADC
MAX8688A
12
ADC Resolution
MAX8688B
11
Bits
THREE-STATE ADDRESS PINS (A3/ONOFF, A2/SDAE, A1/SCLE)
Three-State Address Pins Input
Low Voltage
0.3
V
Three-State Address Pins Input
Low Threshold Hysteresis
50
mV
Three-State Address Pins Input
High Voltage
AVDD -
0.4
V
Three-State Address Pins Input
High Threshold Hysteresis
50
mV
Three-State Address Pins Input
Bias Current
VAVDD = 3.6V, A3/ONOFF = A2/SDAE =
A1/SCLE = AVDD or AGND
-12
+12
µA
THREE-STATE ADDRESS PINS (A2/SDAE (DATA) AND A1/SCLE (CLOCK) WITH EEPROM) (Note 5)
A2/SDAE, A1/SCLE Output Low
Voltage
Output sink current = 100µA (Note 6)
0.3 x
AVDD
V
A2/SDAE, A1/SCLE Output High
Voltage
Output source current = 100µA (Note 7)
0.7 x
AVDD
V
THREE-STATE ADDRESS PIN (A3/ONOFF AS POL ON/OFF CONTROL)
Minimum A3/ONOFF Control Pulse
Low Time
tA3_LOW
250
µs
Minimum A3/ONOFF Control Pulse
High Time
tA3_HIGH
750
µs
SCL, SDA SMBus™ SIGNALS
Maximum SMBus Speed
100
kHz
SCL, SDA Input Low Voltage
VSMB_IL
VDVDD = 3.0V to 3.6V
0.8
V
SCL, SDA Input High Voltage
VSMB_IH
VDVDD = 3.0V to 3.6V
2.1
DVDD
V
SCL, SDA Output Low Voltage
VSMB_OL
VDVDD = 3.0V to 3.6V at ISINK = 4mA
0.4
V
SCL, SDA Input Leakage Per
Device Pin
ISMB_ILEAK
VDVDD = 3.6V, VSCL = VSDA = 0 or 3.6V
-1
+1
µA
SMBus is a trademark of Intel Corp.


Similar Part No. - MAX8688BHETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688BHETG++ MAXIM-MAX8688BHETG+ Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
More results

Similar Description - MAX8688BHETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
   Octal PMBus Power Supply Monitor and Controller with EEPROM
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com